Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM7940N Datasheet(PDF) 2 Page - Analog Power

Part # AM7940N
Description  Dual N-Channel 40-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7940N Datasheet(HTML) 2 Page - Analog Power

  AM7940N Datasheet HTML 1Page - Analog Power AM7940N Datasheet HTML 2Page - Analog Power AM7940N Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AM7940N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM7940_A
2
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min
Typ
Max
Gate-Threshold Voltage
VGS(th)
VGS = VDS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
VGS = 20 V, VDS = 0 V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 80 V, VGS = 0 V
1
uA
On-State Drain Current
A
ID(on)
VDS = 5 V, VGS = 10 V
20
A
VGS = 10 V, ID = 1 A
19
VGS = 4.5 V, ID = 1 A
22
Forward Tranconductance
A
gfs
VDS = 15 V, ID = 1 A
40
S
Total Gate Charge
Qg
10
Gate-Source Charge
Qgs
2
Gate-Drain Charge
Qgd
2
Input Capacitance
Ciss
600
Output Capacitance
Coss
100
Reverse Transfer Capacitance
Crss
50
Turn-On Delay Time
td(on)
12
Rise Time
tr
14
Turn-Off Delay Time
td(off)
20
Fall-Time
tf
10
pF
N-Channel
VDS=15V, VGS=4.5V, ID=1A
nC
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
Static
Test Conditions
Symbol
Parameter
Limits
Unit
m
N-Channel
VDS=15V, VGS=0V, f=1MHz
Drain-Source On-Resistance
A
rDS(on)
nS
N-Chaneel
VDD=15V, VGS=10V, ID=1A ,
RGEN=25
Dynamic


Similar Part No. - AM7940N

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM7945 AMD-AM7945 Datasheet
246Kb / 18P
   Subscriber Line Interface Circuit
AM7945JC AMD-AM7945JC Datasheet
246Kb / 18P
   Subscriber Line Interface Circuit
AM79489 AMD-AM79489 Datasheet
772Kb / 16P
   SUBSCRIBER LINE INTERFACE CIRCUIT
AM79489-1JC AMD-AM79489-1JC Datasheet
772Kb / 16P
   SUBSCRIBER LINE INTERFACE CIRCUIT
AM79489-2JC AMD-AM79489-2JC Datasheet
772Kb / 16P
   SUBSCRIBER LINE INTERFACE CIRCUIT
More results

Similar Description - AM7940N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4906DY-T1-E3 VISHAY-SI4906DY-T1-E3 Datasheet
267Kb / 10P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 16-Nov-09
SI7938DP VISHAY-SI7938DP Datasheet
513Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 28-Sep-09
logo
Analog Power
AM7640N ANALOGPOWER-AM7640N Datasheet
77Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
AM4940N ANALOGPOWER-AM4940N Datasheet
120Kb / 5P
   Dual N-Channel 40-V (D-S) MOSFET
AM4942N ANALOGPOWER-AM4942N Datasheet
180Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
9960M VBSEMI-9960M Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
AO4884 VBSEMI-AO4884 Datasheet
1Mb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
VB3420 VBSEMI-VB3420 Datasheet
716Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
VBA3410 VBSEMI-VBA3410 Datasheet
614Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
logo
Leshan Radio Company
LDN4818T1G LRC-LDN4818T1G Datasheet
327Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
NTMD5836NLR2G VBSEMI-NTMD5836NLR2G Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com