Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1206L075WR Datasheet(PDF) 3 Page - Littelfuse

Part # 1206L075WR
Description  POLY-FUSE짰 Resettable PTCs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1206L075WR Datasheet(HTML) 3 Page - Littelfuse

  1206L075WR Datasheet HTML 1Page - Littelfuse 1206L075WR Datasheet HTML 2Page - Littelfuse 1206L075WR Datasheet HTML 3Page - Littelfuse 1206L075WR Datasheet HTML 4Page - Littelfuse 1206L075WR Datasheet HTML 5Page - Littelfuse 1206L075WR Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
29
Revised: June 6, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc
1206L Series
Surface Mount > 1206L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/1206L.html for current information.
Environmental Specifications
Soldering Parameters
Preheating
120
180
220
260
0
60 to 100
Soldering
Cooling
120
50 to 150
Time(s)
Condition
Reflow
Peak Temp/ Duration Time
260°C / 10 Sec
Time above liquids (TAL) 220°C
60 Sec ~ 100 Sec
Preheat 120°C~ 180°C
50 Sec ~ 150 Sec
Storage Condition
2 environment for lead–free
solvents.
Note:
devices may not meet the performance requirements.
Operating/Storage
Temperature
-40°C to +85°C
Maximum Device Surface
Temperature in Tripped
State
125°C
Passive Aging
Humidity Aging
Thermal Shock
+85°C/-40°C 20 times
Solvent Resistance
No change
Vibration
Condition A
No change
Moisture Sensivity Level
Physical Specifications
Terminal Material
Solder-Plated Copper (Solder Material:
Matte Tin (Sn))
Lead Solderability
ANSI/J-STD-002 Category 3.


Similar Part No. - 1206L075WR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L075 LITTELFUSE-1206L075 Datasheet
129Kb / 2P
   Surface Mount PTC
1206L075 LITTELFUSE-1206L075 Datasheet
797Kb / 6P
   The 1206L Series PTC provides surface mount overcurrent protection for applications where space is at a premium and resettable protection is desired.
1206L075 LITTELFUSE-1206L075 Datasheet
811Kb / 6P
   Fast response to fault currents Compact design saves board space
1206L075-132 LITTELFUSE-1206L075-132 Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
1206L075-16 LITTELFUSE-1206L075-16 Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
More results

Similar Description - 1206L075WR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L025YR LITTELFUSE-1206L025YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L160 LITTELFUSE-1812L160 Datasheet
1Mb / 6P
   POLY-FUSE짰 Resettable PTCs
1206L05015YR LITTELFUSE-1206L05015YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
250R120-R1ZR LITTELFUSE-250R120-R1ZR Datasheet
619Kb / 7P
   POLY-FUSE짰 Resettable PTCs
0603L004YR LITTELFUSE-0603L004YR_16 Datasheet
883Kb / 5P
   POLY-FUSE짰 Resettable PTCs
2920L100PR LITTELFUSE-2920L100PR Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L014DR LITTELFUSE-1812L014DR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L020PR LITTELFUSE-1812L020PR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1210L010WR LITTELFUSE-1210L010WR Datasheet
802Kb / 6P
   POLY-FUSE짰 Resettable PTCs
0603L025YR LITTELFUSE-0603L025YR Datasheet
795Kb / 5P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 0603L Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com