Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0915LP15B026E Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 0915LP15B026E
Description  "High Frequency Ceramic Solutions"||" "511498
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

0915LP15B026E Datasheet(HTML) 1 Page - Johanson Technology Inc.

  0915LP15B026E Datasheet HTML 1Page - Johanson Technology Inc. 0915LP15B026E Datasheet HTML 2Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
915 MHz Low Pass Filter
P/N 0915LP15B026
Detail Specification: 07/29/04
Page 1 of 2
General Specifications
Part Number
0915LP15B026
Input Power
3 Watts max.
Frequency (MHz)
902 - 928
Impedance
50 Ω
Insertion Loss
0.5 dB max.
Operating Temperature
-40 to +85°C
Return Loss
14.0 dB min.
Reel Quanity
Attenuation (min.)
30 @ 2 x fo
Attenuation (min.)
30 @ 3 x fo
Terminal Configuration
No.
Function
1
GND
2
NC
Mechanical Dimensions
3
GND
In
mm
4
OUT
L
±±
5
GND
W
±±
6
NC
T
±±
7
GND
a
±±
8
IN
b
±±
c
g
±±
g
±±
Mounting Considerations
Mount these devices with brown mark facing up.
Line width should be designed to provide 50Ω impedance matching characteristics.
Units: mm
Johanson Technology, Inc. reserves the right to make design changes without notice.
All sales are subject to Johanson Technology, Inc. terms and conditions.
www.johansontechnology.com
931 Via Alondra • Camarillo, CA 93012 • TEL 805.389.1166 FAX 805.389.1821
2003 Johanson Technology, Inc. All Rights Reserved
0.026
0.002
0.65
0.05
0.10
0.10
0.10
0.10
"High Frequency Ceramic Solutions"
4,000
0.079
2.00
0.004
1.25
0.049
0.004
0.30
0.85
0.004
0.033
0.004
0.012
0.10
0.012
0.30
0.008
0.004
0.20
+.004/-.008
+0.1/-0.2
0.014
0.004
0.35
0.10
1
L
W
c
a
Unit : mm
ap
g
b
T
Land
Solder Resist
Through-hole (
φ0.35)
No Pattern Solder Resist
2
3
4
56
7
8


Similar Part No. - 0915LP15B026E

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0915LP15B026 JOHANSON-0915LP15B026 Datasheet
88Kb / 2P
   915 MHz Low Pass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com