Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM81LS95 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # DM81LS95
Description  3-STATE Octal Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM81LS95 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  DM81LS95 Datasheet HTML 1Page - Fairchild Semiconductor DM81LS95 Datasheet HTML 2Page - Fairchild Semiconductor DM81LS95 Datasheet HTML 3Page - Fairchild Semiconductor DM81LS95 Datasheet HTML 4Page - Fairchild Semiconductor DM81LS95 Datasheet HTML 5Page - Fairchild Semiconductor DM81LS95 Datasheet HTML 6Page - Fairchild Semiconductor DM81LS95 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 1999 Fairchild Semiconductor Corporation
DS006435
www.fairchildsemi.com
September 1991
Revised May 1999
DM81LS95A • DM81LS96A • DM81LS97A
3-STATE Octal Buffer
General Description
These devices provide eight, two-input buffers in each
package. All employ low-power-Schottky TTL technology.
One of the two inputs to each buffer is used as a control
line to gate the output into the high-impedance state, while
the other input passes the data through the buffer. The
DM81LS95A and DM81LS97A present true data at the out-
puts,
while
the
DM81LS96A
is
inverting.
On
the
DM81LS95A and DM81LS96A versions, all eight 3-STATE
enable lines are common, with access through a 2-input
NOR gate. On the DM81LS97A version, four buffers are
enabled from one common line, and the other four buffers
are enabled form another common line. In all cases the
outputs are placed in the 3-STATE condition by applying a
high logic level to the enable pins.
Features
s Typical power dissipation
DM81LS95A, DM81LS97A
80 mW
DM81LS96A
65 mW
s Typical propagation delay
DM81LS95A, DM81LS97A
15 ns
DM81LS96A
10 ns
s Low power-Schottky, 3-STATE technology
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Descriptions
DM81LS95A and DM92LS96A
Note 1: Both G1 and G2 must be LOW for outputs to be enabled.
DM81LS97A
Order Number
Package Number
Package Description
DM81LS95AWM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
DM81LS95AN
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
DM81LS96AWM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
DM81LS96AN
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
DM81LS97AN
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Descriptions
A1–A8
Inputs
Y1–Y8
Outputs
G1–G2
Active LOW Output Enables (Note 1)
Pin Names
Descriptions
A1–A8
Inputs
Y1–Y8
Outputs
G1
Active LOW Output Enable (Y1–Y4)
G2
Active LOW Output Enable (Y5–Y8)


Similar Part No. - DM81LS95

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM81LS95A NSC-DM81LS95A Datasheet
118Kb / 6P
   TRI-STATE Octal Buffer
DM81LS95AN NSC-DM81LS95AN Datasheet
118Kb / 6P
   TRI-STATE Octal Buffer
DM81LS95AWM NSC-DM81LS95AWM Datasheet
118Kb / 6P
   TRI-STATE Octal Buffer
logo
Advanced Micro Devices
DM81LS95J AMD-DM81LS95J Datasheet
230Kb / 4P
   Three-State Octal Buffers
DM81LS95N AMD-DM81LS95N Datasheet
230Kb / 4P
   Three-State Octal Buffers
More results

Similar Description - DM81LS95

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
   Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
logo
NXP Semiconductors
74ALS241A PHILIPS-74ALS241A Datasheet
109Kb / 9P
   Octal buffer 3-state
1991 Feb 08
74ALS244A PHILIPS-74ALS244A Datasheet
110Kb / 9P
   Octal buffer 3-State
1991 Feb 08
logo
Fairchild Semiconductor
MM74HC244SJX FAIRCHILD-MM74HC244SJX Datasheet
107Kb / 8P
   Octal 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com