Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS310-55DL223S50 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # DSS310-55DL223S50
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DSS310-55DL223S50 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  DSS310-55DL223S50 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DSS310-55DL223S50 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DSS310-55DL223S50 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DSS310-55DL223S50 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DSS310-55DL223S50 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DSS310-55DL223S50 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DSS310-55DL223S50 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DSS310-55DL223S50 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DSS310-55DL223S50 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
250
CG01-I
EMI LEADED FILTERS
EMI SUPPRESSION FILTER
COMPACT DISC-TYPE
DS306 & DSS306 Series
APPLICATIONS
s Computer and peripherals interfaces
s Compact digital equipment
s Compact PPC, electronic typewriters, other electronic
equipment and appliances
s Helps all electronic equipment and appliances meet FCC,
VDE and CISPR regulations
s STD footprint for high density mounting
DS
306
55
Y5S
271
M
100
DISC TYPE
FERRITE BEAD
SERIES
LEAD
TEMPERATURE
CAPACITANCE
CAPACITANCE
RATED
Blank = None
TYPE
CONFIGURATION
CHARACTERISTICS
TOLERANCE
VOLTAGE
S = Inside
55 = Bulk
91 = Taped
351 = Bulk (Inside Crimp)
431 = Taped (Inside Crimp)
PART NUMBERING SYSTEM
Capacitor
Part Number
Capacitance
W.V.
T.C.
Ferrite
Dimensions
Insertion
–25 to +85°C
Beads
Loss
‚DS306-55Y5S220M50
22pF ± 20%
±22%
_______________________________________________
__________________
‚DS306-55Y5S330M50
33pF ± 20%
±22%
_______________________________________________
__________________
‚DS306-55Y5S470M50
47pF ± 20%
±22%
_______________________________________________
__________________
‚DS306-55Y5S101M50
100pF ± 20%
50VDC
±22%
None
Fig. 1
Fig. 4
_______________________________________________
__________________
‚DS306-55Y5S271M50
270pF ± 20%
±22%
_______________________________________________
__________________
‚DS306-55Y5S102M50
1000pF ± 20%
±22%
_______________________________________________
__________________
‚DS306-55Y5S222M50
2200pF ± 20%
±22%
_______________________________________________
__________________
‚DS306-55FZ103Z50
10000pF + 80%, –20%
+30%, –85%
‚DSS306-55Y5S220M100
22pF ± 20%
±22%
_______________________________________________
__________________
‚DSS306-55Y5S330M100
33pF ± 20%
±22%
_______________________________________________
__________________
‚DSS306-55Y5S470M100
47pF ± 20%
±22%
_______________________________________________
__________________
‚DSS306-55Y5S101M100
100pF ± 20%
±22%
_______________________________________________
__________________
‚DSS306-55Y5S151M100
150pF ± 20%
±22%
_______________________________________________
__________________
‚DSS306-55Y5S221M100
220pF ± 20%
100VDC
±22%
Internal
Fig. 2
Fig. 5
_______________________________________________
__________________
‚DSS306-55Y5S271M100
270pF ± 20%
±22%
_______________________________________________
__________________
‚DSS306-55Y5S471M100
470pF ± 20%
±22%
_______________________________________________
__________________
‚DSS306-55Y5S102M100
1000pF ± 20%
±22%
_______________________________________________
__________________
‚DSS306-55Y5U222Z100
2200pF + 80%, –20%
+22%, –56%
_______________________________________________
__________________
‚DSS306-55FZ103N100
10000pF ± 30%
+30%, –85%
‚DSS306-55F223Z16
22000pF + 80%, –20%
16VDC
+30%, –80%
‚DSS306-351Y5S220M100
22pF ± 20%
±22%
_______________________________________________
__________________
‚DSS306-351Y5S330M100
33pF ± 20%
±22%
_______________________________________________
__________________
‚DSS306-351Y5S470M100
47pF ± 20%
±22%
_______________________________________________
__________________
‚DSS306-351Y5S101M100
100pF ± 20%
±22%
_______________________________________________
__________________
‚DSS306-351Y5S151M100
150pF ± 20%
±22%
_______________________________________________
__________________
‚DSS306-351Y5S221M100
220pF ± 20%
100VDC
±22%
Internal
Fig. 3
Fig. 6
_______________________________________________
__________________
‚DSS306-351Y5S271M100
270pF ± 20%
±22%
_______________________________________________
__________________
‚DSS306-351Y5S471M100
470pF ± 20%
±22%
_______________________________________________
__________________
‚DSS306-351Y5S102M100
1000pF ± 20%
±22%
_______________________________________________
__________________
‚DSS306-351Y5U222Z100
2200pF + 80%, –20%
+22%, –56%
_______________________________________________
__________________
‚DSS306-351FZ103N100
10000pF ± 30%
+30%, –85%
‚DSS306-351F223Z16
22000pF + 80%, –20%
16VDC
+30%, –80%
SPECIFICATIONS
Note: “55” in part number denotes Bulk packaging. For Taped Product, replace with appropriate number from chart on page 254. All units are rated 6 amp.
‚Available as standard through authorized Murata Electronics Distributors.


Similar Part No. - DSS310-55DL223S50

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSS310 FORMOSA-DSS310 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
DSS310 DYELEC-DSS310 Datasheet
2Mb / 2P
   SINGLE PHASE 3.0A MP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - DSS310-55DL223S50

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-118 RHOMBUS-IND-F-118 Datasheet
19Kb / 1P
   EMI Suppression Filter Dual Ferrite Bead Construction
logo
Wurth Elektronik GmbH &...
7427924 WURTH-7427924 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279214 WURTH-74279214 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792410 WURTH-742792410 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792511 WURTH-742792511 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792514 WURTH-742792514 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792604 WURTH-742792604 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
7427004 WURTH-7427004 Datasheet
397Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
742792642 WURTH-742792642 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279271 WURTH-74279271 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com