Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS310-55Y5S222M100 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DSS310-55Y5S222M100
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DSS310-55Y5S222M100 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DSS310-55Y5S222M100 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DSS310-55Y5S222M100 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DSS310-55Y5S222M100 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DSS310-55Y5S222M100 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DSS310-55Y5S222M100 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DSS310-55Y5S222M100 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DSS310-55Y5S222M100 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DSS310-55Y5S222M100 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DSS310-55Y5S222M100 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Description
Series
Effective Frequency (MHz)
Equivalent
Page
.1
1
10
100
1000
10000
20000
Circuit
Ferrite Bead
BLO
248 - 249
3-Terminal
DS(S)306
250-251, 254
Capacitor
DS(S/T)310/H
252 - 254
3-Terminal
VFR303
255
Varistor/
DSS706
256
Capacitor
DSS710
257 - 258
Block
BNP
259
Filter
BNX
260 - 261
Common Mode
PLT
262 - 263
Chokes
Feed-Thru
Sub Mini DF/TF
264 - 265
Capacitor
TF318/H/418
266
EMC Absorber
EA
267
Ferrite
FS
268
CG01-I
247
EMI LEADED FILTERS
TABLE OF CONTENTS
Based on more than 30 years of ceramic and ferrite
technology experience, Murata Electronics’ full range of
leaded EMI filters have been designed to meet today’s
electronic industry requirements.
Murata’s leaded devices consist of ferrite bead inductors,
feed-thru capacitors, 3 terminal capacitors, varistor/capacitors
common mode chokes and block filters.
NE
W


Similar Part No. - DSS310-55Y5S222M100

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSS310 FORMOSA-DSS310 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DIYI Electronic Technol...
DSS310 DYELEC-DSS310 Datasheet
2Mb / 2P
   SINGLE PHASE 3.0A MP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - DSS310-55Y5S222M100

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-118 RHOMBUS-IND-F-118 Datasheet
19Kb / 1P
   EMI Suppression Filter Dual Ferrite Bead Construction
logo
Wurth Elektronik GmbH &...
7427924 WURTH-7427924 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279214 WURTH-74279214 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792410 WURTH-742792410 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792511 WURTH-742792511 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792514 WURTH-742792514 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
742792604 WURTH-742792604 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
7427004 WURTH-7427004 Datasheet
397Kb / 4P
   WE-AFB EMI Suppression Axial Ferrite Bead
742792642 WURTH-742792642 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
74279271 WURTH-74279271 Datasheet
1Mb / 6P
   WE-CBF SMD EMI Suppression Ferrite Bead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com