Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UB914Q Datasheet(PDF) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # DS90UB914Q
Description  DS90UB913Q/DS90UB914Q 10-100MHz 10/12- Bit DC-Balanced FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

DS90UB914Q Datasheet(HTML) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  DS90UB914Q Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS90UB914Q Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS90UB914Q Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS90UB914Q Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS90UB914Q Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS90UB914Q Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS90UB914Q Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS90UB914Q Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DS90UB914Q Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
DS90UB913Q, DS90UB914Q
SNLS420B – JULY 2012 – REVISED APRIL 2013
www.ti.com
DS90UB913Q SERIALIZER PIN DESCRIPTIONS (continued)
Pin Name
Pin No.
I/O, Type
Description
GPO[3]/CLKIN
18
Input/Output,
GPO3 can be configured to be the output for input signals coming from the GPIO3 pin
LVCMOS
on the Deserializer or can be configured to be the output of the local register setting
on the Serializer. It can also be configured to be the input clock pin when the
DS90UB913Q Serializer is working with an external oscillator. See Applications
Information section for a detailed description of the DS90UB913/914Q chipsets
working with an external oscillator.
BIDIRECTIONAL CONTROL BUS - I2C COMPATIBLE
Input/Output,
Clock line for the bidirectional control bus communication
SCL
4
Open Drain
SCL requires an external pull-up resistor to VDDIO.
Input/Output,
Data line for the bidirectional control bus communication
SDA
5
Open Drain
SDA requires an external pull-up resistor to VDDIO.
Device mode select
Input, LVCMOS
Resistor to Ground and 10 k
Ω pull-up to 1.8V rail. MODE pin on the Serializer can be
MODE
8
w/ pull down
used to select whether the system is running off the PCLK from the imager or an
external oscillator. See details in Table 5
Device ID Address Select
ID[x]
6
Input, analog
The ID[x] pin on the Serializer is used to assign the I2C device address. Resistor to
Ground and 10 k
Ω pull-up to 1.8V rail. See Table 7
CONTROL AND CONFIGURATION
Power down Mode Input Pin.
PDB = H, Serializer is enabled and is ON.
Input, LVCMOS
PDB
9
PDB = L, Serailizer is in Power Down mode. When the Serializer is in Power Down,
w/ pull down
the PLL is shutdown, and IDD is minimized. Programmed control register data are
NOT retained and reset to default values
Input, LVCMOS
Reserved.
RES
7
w/ pull down
This pin MUST be tied LOW.
FPD–Link III INTERFACE
Input/Output,
Non-inverting differential output, bidirectional control channel input. The interconnect
DOUT+
13
CML
must be AC Coupled with a 100 nF capacitor.
DOUT-
12
Input/Output,
Inverting differential output, bidirectional control channel input. The interconnect must
CML
be AC Coupled with a 100 nF capacitor.
POWER AND GROUND
VDDPLL
10
Power, Analog
PLL Power, 1.8V ±5%
VDDT
11
Power, Analog
Tx Analog Power, 1.8V ±5%
VDDCML
14
Power, Analog
CML & Bidirectional Channel Driver Power, 1.8V ±5%
VDDD
28
Power, Digital
Digital Power, 1.8V ±5%
Power, Digital
Power for I/O stage. The single-ended inputs and SDA, SCL are powered from VDDIO.
VDDIO
25
VDDIO can be connected to a 1.8V ±5% or 2.8±10% or 3.3V ±10%
Ground, DAP
DAP must be grounded. DAP is the large metal contact at the bottom side, located at
VSS
DAP
the center of the WQFN package. Connected to the ground plane (GND) with at least
9 vias.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: DS90UB913Q DS90UB914Q


Similar Part No. - DS90UB914Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB914Q-Q1 TI1-DS90UB914Q-Q1 Datasheet
1Mb / 70P
[Old version datasheet]   10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
DS90UB914QSQ/NOPB TI1-DS90UB914QSQ/NOPB Datasheet
1Mb / 70P
[Old version datasheet]   10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
DS90UB914QSQE/NOPB TI1-DS90UB914QSQE/NOPB Datasheet
1Mb / 70P
[Old version datasheet]   10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
DS90UB914QSQX/NOPB TI1-DS90UB914QSQX/NOPB Datasheet
1Mb / 70P
[Old version datasheet]   10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
More results

Similar Description - DS90UB914Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB913Q-Q1 TI1-DS90UB913Q-Q1 Datasheet
1Mb / 70P
[Old version datasheet]   10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
DS90UB903Q TI1-DS90UB903Q_15 Datasheet
1Mb / 47P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901Q TI1-DS90UB901Q Datasheet
1Mb / 45P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903Q TI1-DS90UB903Q Datasheet
661Kb / 41P
[Old version datasheet]   10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901Q TI1-DS90UB901Q_15 Datasheet
1Mb / 50P
[Old version datasheet]   10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903QSQ TI-DS90UB903QSQ Datasheet
1,022Kb / 45P
[Old version datasheet]   DS90UB903Q/DS90UB904Q 10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS92LX2121 TI1-DS92LX2121_15 Datasheet
1Mb / 44P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX1621 TI1-DS92LX1621_14 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
DS92LX2121 TI1-DS92LX2121_14 Datasheet
1Mb / 43P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX1621 TI1-DS92LX1621_16 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com