Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZV331KSTR-G1 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AZV331KSTR-G1
Description  SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV331KSTR-G1 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AZV331KSTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV331KSTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
3
Mar. 2010 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
AZV331
3
BCD Semiconductor Manufacturing Limited
Data Sheet
Parameter
Symbol
Value
Unit
Power Supply Voltage
VCC
6V
Operation Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10 Seconds)
TLEAD
260
oC
ESD (Machine Model)
300
V
ESD (Human Body Model)
4000
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Absolute Maximum Ratings (Note 1)
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2.5
5.5
V
Ambient Operating Temperature Range
TA
-40
85
oC
Ordering Information
Package
Temperature Range
Part Number
Marking ID
Packing
Type
Lead Free
Green
Lead Free
Green
SC-70-5
-40 to 85oC
AZV331KSTR-E1
AZV331KSTR-G1
22
B2
Tape & Reel
SOT-23-5
-40 to 85oC
AZV331KTR-E1
AZV331KTR-G1
E6S
G6S
Tape & Reel
Circuit Type
Package
E1: Lead Free
AZV331
TR: Tape and Reel
K: SOT-23-5
-
KS: SC-70-5
G1: Green
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with
"G1" suffix are available in green packages.


Similar Part No. - AZV331KSTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZV331KSTR-G1 DIODES-AZV331KSTR-G1 Datasheet
461Kb / 15P
   SINGLE GENERAL PURPOSE LOW VOLTAGE COMPARATOR
More results

Similar Description - AZV331KSTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV321 BCDSEMI-AZV321 Datasheet
331Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_01 Datasheet
66Kb / 2P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_10 Datasheet
893Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV321 DIODES-AZV321 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
logo
Unisonic Technologies
LV321 UTC-LV321_11 Datasheet
520Kb / 11P
   SINGLE GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMV358A TI1-LMV358A Datasheet
1Mb / 29P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
LMV358A TI1-LMV358A_17 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com