Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFM32WG232 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # EFM32WG232
Description  The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFM32WG232 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button EFM32WG232 Datasheet HTML 7Page - List of Unclassifed Manufacturers EFM32WG232 Datasheet HTML 8Page - List of Unclassifed Manufacturers EFM32WG232 Datasheet HTML 9Page - List of Unclassifed Manufacturers EFM32WG232 Datasheet HTML 10Page - List of Unclassifed Manufacturers EFM32WG232 Datasheet HTML 11Page - List of Unclassifed Manufacturers EFM32WG232 Datasheet HTML 12Page - List of Unclassifed Manufacturers EFM32WG232 Datasheet HTML 13Page - List of Unclassifed Manufacturers EFM32WG232 Datasheet HTML 14Page - List of Unclassifed Manufacturers EFM32WG232 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
Preliminary
...the world's most energy friendly microcontrollers
2013-05-06 - EFM32WG232FXX - d0186_Rev1.10
11
www.energymicro.com
3.4 Current Consumption
Table 3.4. Current Consumption
Symbol
Parameter
Condition
Min
Typ
Max
Unit
48 MHz HFXO, all peripheral
clocks disabled, VDD= 3.0 V
229
µA/
MHz
28 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V
230
µA/
MHz
21 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V
232
µA/
MHz
14 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V
234
µA/
MHz
11 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V
236
µA/
MHz
6.6 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V
242
µA/
MHz
IEM0
EM0 current. No prescal-
ing. Running prime num-
ber calculation code from
Flash.
1.2 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V
276
µA/
MHz
48 MHz HFXO, all peripheral
clocks disabled, VDD= 3.0 V
66
µA/
MHz
28 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V
67
µA/
MHz
21 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V
68
µA/
MHz
14 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V
70
µA/
MHz
11 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V
72
µA/
MHz
6.6 MHz HFRCO, all peripher-
al clocks disabled, VDD= 3.0 V
77
µA/
MHz
IEM1
EM1 current
1.2 MHz HFRCO. all peripher-
al clocks disabled, VDD= 3.0 V
110
µA/
MHz
EM2 current with RTC
prescaled to 1 Hz, 32.768
kHz LFRCO, VDD= 3.0 V,
TAMB=25°C
0.95
1
µA
IEM2
EM2 current
EM2 current with RTC
prescaled to 1 Hz, 32.768
kHz LFRCO, VDD= 3.0 V,
TAMB=85°C
3.0
1
µA
VDD= 3.0 V, TAMB=25°C
0.65
µA
IEM3
EM3 current
VDD= 3.0 V, TAMB=85°C
2.65
µA
VDD= 3.0 V, TAMB=25°C
0.02
µA
IEM4
EM4 current
VDD= 3.0 V, TAMB=85°C
0.44
µA
1Using backup RTC.


Similar Part No. - EFM32WG232

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM32WG232 SILABS-EFM32WG232 Datasheet
1Mb / 75P
   Configurable peripheral I/O locations
EFM32WG232F128-B-QFP64 SILABS-EFM32WG232F128-B-QFP64 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
EFM32WG232F128-QFP64 SILABS-EFM32WG232F128-QFP64 Datasheet
1Mb / 75P
   Configurable peripheral I/O locations
EFM32WG232F128-QFP64 SILABS-EFM32WG232F128-QFP64 Datasheet
282Kb / 4P
   Updated specifications based on the results of additional silicon characterization
EFM32WG232F256-B-QFP64 SILABS-EFM32WG232F256-B-QFP64 Datasheet
5Mb / 469P
   EFM32 Gecko Family
Rev. 2.42
More results

Similar Description - EFM32WG232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFM32WG980 ETC2-EFM32WG980 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG990 ETC2-EFM32WG990 Datasheet
3Mb / 80P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG280 ETC2-EFM32WG280 Datasheet
3Mb / 76P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
EFM32WG395 ETC2-EFM32WG395 Datasheet
3Mb / 77P
   The EFM32 MCUs are the world?셲 most energy friendly microcontrollers.
logo
Silicon Laboratories
EFM32JG1 SILABS-EFM32JG1 Datasheet
952Kb / 94P
   The EFM32 Jade Gecko MCUs are the world?셲 most energyfriendly microcontrollers
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E_08 Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
logo
STMicroelectronics
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
   The ST10F27x MCUs are derivatives of the STMicroelectronics
logo
List of Unclassifed Man...
SMT172 ETC1-SMT172 Datasheet
807Kb / 9P
   World most energy efficient temperature sensor
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
RFPO65 TEMEX-RFPO65 Datasheet
412Kb / 2P
   The RFPO65 is from the world?셲 first ASIC.based OCXO product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com