Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ39150S-3.3TRG1 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AZ39150S-3.3TRG1
Description  1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ39150S-3.3TRG1 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AZ39150S-3.3TRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ39150S-3.3TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ39150S-3.3TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ39150S-3.3TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ39150S-3.3TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ39150S-3.3TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ39150S-3.3TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ39150S-3.3TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ39150S-3.3TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150
Data Sheet
2
Sep. 2012 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Pin Number
Pin Name
Function
13
VIN
Unregulated input.
2
1
GND
The ground pin. This pin and TAB are internally
connected.
32
VOUT
Regulated Output.
Pin Configuration
Figure 2. Pin Configuration of AZ39150 (Top View)
3
2
1
VOUT
GND
VIN
T Package
(TO-220-3)
Pin Description
3
2
1
VOUT
GND
VIN
1
2
3
1
2
3
1
2
3
1
2
3
DA Package
(TO-252-2(1))
(TO-252-2(2))
(TO-252-2(4))
(TO-252-2(3))
S/SA Package
(TO-263-3)
VOUT
2
VIN
3
1
GND
S
SA
TO-220-3/TO-263-3(S)
TO-252-2(1)/(2)/(3)/(4)
TO-263-3(SA)
VIN
GND
VOUT
VOUT
VOUT
VOUT
GND
GND
GND
VIN
VIN
VIN


Similar Part No. - AZ39150S-3.3TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39150S-3.3TR BCDSEMI-AZ39150S-3.3TR Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150S-3.3TR BCDSEMI-AZ39150S-3.3TR Datasheet
209Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150S-3.3TRE1 BCDSEMI-AZ39150S-3.3TRE1 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150S-3.3TRE1 BCDSEMI-AZ39150S-3.3TRE1 Datasheet
209Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ39150S-3.3TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com