Electronic Components Datasheet Search |
|
AZ1084CS2-5.0TRG1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited |
|
AZ1084CS2-5.0TRG1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited |
6 / 17 page 5A LOW DROPOUT LINEAR REGULATOR AZ1084C Data Sheet 6 Jan. 2013 Rev. 1. 7 BCD Semiconductor Manufacturing Limited Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under"Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods may affect device reliability. Note 2: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the device outside of its operating ratings. The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(max), the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient tem- perature is calculated using: PD(max)=(TJ(max) -TA)/θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. Recommended Operating Conditions Parameter Symbol Value Unit Operating Junction Temperature TJ 150 oC Storage Temperature Range TSTG -65 to 150 oC Lead Temperature (Soldering, 10sec.) TLEAD 260 oC Thermal Resistance (Note 2) θJA TO-263-2 60 oC/W TO-263-3 60 TO-252-2 (3)/TO-252-2 (4) 100 ESD (Human Body Model) ESD 2000 V ESD (Machine Model) ESD 400 V Parameter Symbol Min Max Unit Input Voltage VIN 12 V Operating Junction Temperature Range TJ 0 125 oC Absolute Maximum Ratings (Note 1) |
Similar Part No. - AZ1084CS2-5.0TRG1 |
|
Similar Description - AZ1084CS2-5.0TRG1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |