Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ2940D-1.2TRG1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ2940D-1.2TRG1
Description  1A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ2940D-1.2TRG1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ2940D-1.2TRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ2940D-1.2TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ2940D-1.2TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ2940D-1.2TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ2940D-1.2TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ2940D-1.2TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ2940D-1.2TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ2940D-1.2TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ2940D-1.2TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940
Data Sheet
1
Sept. 2011 Rev. 2. 4
BCD Semiconductor Manufacturing Limited
General Description
The AZ2940 is a low dropout three-terminal regulator
with a typical dropout of 280mV at 1A output current.
The AZ2940 provides current limit and thermal shut-
down. On-chip thermal shutdown provides protection
against any combination of high current and ambient
temperature that would create excessive junction tem-
peratures.
The AZ2940 has 1.2V, 1.8V, 2.5V, 3.3V and 5.0V ver-
sions.
The AZ2940 series is available in the industry standard
TO-220-3, TO-263-3, TO-252-2 (1), TO-252-2 (3) and
SOT-223 power packages. (Detailed information
please refer to page 4)
Features
·
Minimum Guaranteed Output Current: 1A
·
Dropout Voltage at IOUT=1A: 280mV Typ.
(Except 1.2V and 1.8V Versions)
·
Output Accuracy: ± 1%
·
Low Ground Current
·
Internal Current Limit and Thermal Protection
·
Reversed-battery and Reversed-lead Insertion
Protection
·
Fast Transient Response
Applications
·
LCD TV
·
Set Top Box
·
LCD Monitor
·
SMPS Post Regulator
·
Laptop, Palmtop and Notebook
·
Portable Instrumentation
·
USB Power Supply
Figure 1. Package Types of AZ2940
TO-220-3
TO-263-3
TO-252-2 (1)
SOT-223
TO-252-2 (3)


Similar Part No. - AZ2940D-1.2TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940D-2.5 BCDSEMI-AZ2940D-2.5 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940D-2.5 BCDSEMI-AZ2940D-2.5 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940D-2.5E1 BCDSEMI-AZ2940D-2.5E1 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940D-2.5E1 BCDSEMI-AZ2940D-2.5E1 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940D-2.5TR BCDSEMI-AZ2940D-2.5TR Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ2940D-1.2TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com