Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ1085CS2-1.8TRG1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1085CS2-1.8TRG1
Description  3A LOW DROPOUT LINEAR REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1085CS2-1.8TRG1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1085CS2-1.8TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1085CS2-1.8TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1085CS2-1.8TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1085CS2-1.8TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1085CS2-1.8TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1085CS2-1.8TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1085CS2-1.8TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1085CS2-1.8TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1085CS2-1.8TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
3A LOW DROPOUT LINEAR REGULATOR
AZ1085C
Data Sheet
6
Jan. 2013 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under"Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Note 2: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical
specifications do not apply when operating the device outside of its operating ratings. The maximum allowable
power dissipation is a function of the maximum junction temperature, TJ(max), the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient tem-
perature is calculated using: PD(max)=(TJ(max) -TA)/θJA. Exceeding the maximum allowable power dissipation will
result in excessive die temperature, and the regulator will go into thermal shutdown.
Recommended Operating Conditions
Parameter
Symbol
Value
Unit
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
Thermal Resistance
(Note 2)
θJA
TO-263-3
75
oC/W
TO-263-2
75
TO-252-2 (3)/TO-252-2 (4)
100
ESD (Human Body Model)
ESD
2000
V
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
12
V
Operating Junction Temperature Range
TJ
0125
oC
Absolute Maximum Ratings (Note 1)


Similar Part No. - AZ1085CS2-1.8TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085 BCDSEMI-AZ1085 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085 BCDSEMI-AZ1085 Datasheet
1Mb / 21P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085D-1.5 BCDSEMI-AZ1085D-1.5 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085D-1.5E1 BCDSEMI-AZ1085D-1.5E1 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1085CS2-1.8TRG1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com