Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ1085CS-5.0TRG1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1085CS-5.0TRG1
Description  3A LOW DROPOUT LINEAR REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1085CS-5.0TRG1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1085CS-5.0TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1085CS-5.0TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1085CS-5.0TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1085CS-5.0TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1085CS-5.0TRG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ1085CS-5.0TRG1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ1085CS-5.0TRG1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ1085CS-5.0TRG1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZ1085CS-5.0TRG1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
3A LOW DROPOUT LINEAR REGULATOR
AZ1085C
Data Sheet
10
Jan. 2013 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure10. Reference Voltage vs. Junction Temperature
Figure 8. Short Circuit Current vs. Dropout Voltage
02
468
10
12
0
1
2
3
4
5
6
7
Dropout Voltage (V)
0
25
50
75
100
125
1.20
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
Junction Temperature (
oC)
Figure 9. Dropout Voltage vs. Output Current
Figure11. Minimum Load Current vs. Junction Temperature
0
20
40
60
80
100
120
0.74
0.76
0.78
0.80
0.82
0.84
Junction Temperature (
oC)
AZ1085C-ADJ
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
Output Current (A)


Similar Part No. - AZ1085CS-5.0TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085 BCDSEMI-AZ1085 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085 BCDSEMI-AZ1085 Datasheet
1Mb / 21P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085D-1.5 BCDSEMI-AZ1085D-1.5 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085D-1.5E1 BCDSEMI-AZ1085D-1.5E1 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1085CS-5.0TRG1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com