Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C3V3S Datasheet(PDF) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # BZT52C3V3S
Description  ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

BZT52C3V3S Datasheet(HTML) 3 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  BZT52C3V3S Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. BZT52C3V3S Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. BZT52C3V3S Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. BZT52C3V3S Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES BZT52C2V4S-BZT52C39S
0
1
2
3
4
5
6
7
8
9
10
VZ,
ZENER VOLTAGE (V)
FIG. 2-ZENER BREAKDOWN CHARACTERISTICS
FIG. 1- POWER DERATING CURVE
50
40
30
20
10
0
0
100
200
TA, AMBIENT TEMPERATURE( C)
500
400
300
200
100
0
Vz, NOMINAL ZENER VOLTAGE(V)
FIG. 4-JUNCTION CAPACITANCE VS NOMINAL
ZENER VOLTAGE
30
20
10
0
0
10
20
30
40
FIG. 3-ZENER BREAKDOWN CHARACTERISTICS
0
10
100
1000
100
10
See Note1
VZ,
ZENER VOLTAGE (V)
Tj=25
Va=1V
Va=2V
Va=2V
Va=1V
Tj=25
C10
C12
C15
C18
C22
C27
C33
C36
Test current Iz
2mA
Test current Iz
5mA
Tj=25
C2V7
C3V3
C3V9
C4V7
C5V6
C6V6
C8V2
Test current Iz
5mA
MDD ELECTRONIC


Similar Part No. - BZT52C3V3S

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
BZT52C3V3S CHENDA-BZT52C3V3S Datasheet
956Kb / 3P
   SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZT52C3V3S DIODES-BZT52C3V3S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Micro Commercial Compon...
BZT52C3V3S MCC-BZT52C3V3S Datasheet
282Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
logo
Jiangsu Changjiang Elec...
BZT52C3V3S JIANGSU-BZT52C3V3S Datasheet
898Kb / 5P
   ZENER DIODE
logo
DONGGUAN YOU FENG WEI E...
BZT52C3V3S YFWDIODE-BZT52C3V3S Datasheet
1Mb / 4P
   Zener Diodes
More results

Similar Description - BZT52C3V3S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com