Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ1084CS-1.8TRG1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1084CS-1.8TRG1
Description  5A LOW DROPOUT LINEAR REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1084CS-1.8TRG1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ1084CS-1.8TRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ1084CS-1.8TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1084CS-1.8TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1084CS-1.8TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1084CS-1.8TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1084CS-1.8TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1084CS-1.8TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1084CS-1.8TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1084CS-1.8TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
5A LOW DROPOUT LINEAR REGULATOR
AZ1084C
Data Sheet
1
Jan. 2013 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
General Description
The AZ1084C is a series of low dropout positive volt-
age regulators with a maximum dropout of 1.5V at 5A
of load current.
The series features on-chip thermal limiting which pro-
vides protection against any combination of overload
and ambient temperatures that would create excessive
junction temperatures. It also includes a trimmed band-
gap reference and a current limiting circuit.
The AZ1084C is available in 1.5V, 1.8V, 2.5V, 3.3V
and 5.0V versions. The fixed versions integrate the
adjust resistors. It is also available in an adjustable ver-
sion which can set the output voltage with two external
resistors.
The AZ1084C series is available in standard packages
of TO-263-3, TO-263-2, TO-252-2 (3) and TO-252-2
(4).
Features
·
Low Dropout Voltage: 1.35V Typical at 5A
·
Current Limiting and Thermal Protection
·
Output Current: 5A
·
Current Limit: 6.5A
·
Operating Junction Temperature Range: 0 to
125oC
·
Compatible with Low ESR Ceramic Capacitor
·
Line Regulation (Adj Version): 0.015% (Typ)
·
Load Regulation (Adj Version): 0.1% (Typ)
Applications
·
High Efficiency Linear Regulators
·
Battery Chargers
·
Post Regulation for Switching Supply
·
Microprocessor Supply
·
Desktop PCs, RISC and Embedded Processors'
Supply
Figure 1. Package Types of AZ1084C
TO-263-2
TO-263-3
TO-252-2 (3)
TO-252-2 (4)


Similar Part No. - AZ1084CS-1.8TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ1084CS-1.8TRG1 DIODES-AZ1084CS-1.8TRG1 Datasheet
791Kb / 22P
   5A LOW DROPOUT LINEAR REGULATOR
May 2022 Rev. 4 - 2
More results

Similar Description - AZ1084CS-1.8TRG1

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com