Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ1117R-5.0TRE1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1117R-5.0TRE1
Description  1A LOW DROPOUT LINEAR REGULATOR
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1117R-5.0TRE1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1117R-5.0TRE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1117R-5.0TRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1117R-5.0TRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1117R-5.0TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1117R-5.0TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1117R-5.0TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1117R-5.0TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1117R-5.0TRE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ1117R-5.0TRE1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
Jan. 2013 Rev. 3. 1
BCD Semiconductor Manufacturing Limited
1A LOW DROPOUT LINEAR REGULATOR
AZ1117
Data Sheet
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reference Voltage
VREF
IOUT = 10mΑ, VIN-VOUT = 2V
10mA
≤ IOUT ≤ 1Α, 1.4V≤ VIN-VOUT ≤ 8V,
P
≤ Maximum Power Dissipation
1.238
1.225
1.250
1.250
1.262
1.270
V
Line Regulation
ΔVOUT
IOUT=10mA, 1.5V≤VIN-VOUT≤10V
0.035
0.2
%
Load Regulation
ΔVOUT
VIN-VOUT=2V, 10mA≤ IOUT≤1Α
0.2
0.4
%
Dropout Voltage
VDROP
ΔVREF=1%, IOUT=0.1Α
1.00
1.1
V
ΔVREF =1%, IOUT=0.5Α
1.08
1.18
V
ΔVREF=1%, IOUT=1.0Α
1.15
1.25
V
Current Limit
ILIMIT
VIN-VOUT=2V
1.25
1.35
A
Adjust Pin Current
IADJ
60
120
μA
Adjust Pin Current
Change
ΔIADJ
1.4V
≤VIN-VOUT≤10V, 10mA≤IOUT ≤1A
0.2
5
μA
Minimum Load Current
(ADJ)
ILOAD(MIN) 1.5V≤VIN-VOUT≤10V (ADJ only)
1.7
5
mA
Quiescent Current
IQ
VIN=VOUT +1.25V
5
10
mA
Ripple Rejection
PSRR
f=120Hz, COUT=22μF Tantalum,
VIN-VOUT=3V, IOUT =1A
60
75
dB
Temperature Stability
0.5
%
Long-term Stability
TA=125oC, 1000hrs
0.3
%
RMS Output Noise
(% of VOUT)
TA=25oC, 10Hz≤f≤10kHz
0.003
%
Thermal Shutdown
Junction Temperature
150
oC
Thermal Shutdown
Hysteresis
25
oC
Thermal Resistance
θJC
SOT-223
25
oC/W
SOT-89
30
TO-220-3
10
TO-252-2 (1)/TO-252-2 (2)
/TO-252-2 (3)/TO-252-2 (4)
17
TO-263-3
10
Operating Conditions: VIN≤10V, TJ =25oC, unless otherwise specified.
Electrical Characteristics
AZ1117-ADJ Electrical Characteristics


Similar Part No. - AZ1117R-5.0TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117R-5.0TRE1 BCDSEMI-AZ1117R-5.0TRE1 Datasheet
224Kb / 24P
   1A LOW DROPOUT LINEAR REGULATOR
AZ1117R-5.0TRE1 BCDSEMI-AZ1117R-5.0TRE1 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ1117R-5.0TRE1 DIODES-AZ1117R-5.0TRE1 Datasheet
554Kb / 32P
   1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1117R-5.0TRE1

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com