Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ1117CH-5.0TRG1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1117CH-5.0TRG1
Description  LOW DROPOUT LINEAR REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1117CH-5.0TRG1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ1117CH-5.0TRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ1117CH-5.0TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1117CH-5.0TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1117CH-5.0TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1117CH-5.0TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1117CH-5.0TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1117CH-5.0TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1117CH-5.0TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1117CH-5.0TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP2317
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
Data Sheet
LOW DROPOUT LINEAR REGULATOR
AZ1117C
1
Nov. 2012 Rev. 1. 8
BCD Semiconductor Manufacturing Limited
Figure 1. Package Types of AZ1117C
SOT-223
General Description
The AZ1117C is a low dropout three-terminal regula-
tor.
The AZ1117C has been optimized for low voltage
where transient response and minimum input voltage
are critical. It provides current limit and thermal shut-
down. Its circuit includes a trimmed bandgap reference
to assure output voltage accuracy to be within
±1%.
On-chip thermal shutdown provides protection against
a combination of high current and ambient temperature
that would create excessive junction temperature.
The AZ1117C is available in 1.2V, 1.5V, 1.8V, 2.5V,
3.3V, 5.0V fixed output voltage vesions and ADJ out-
put voltage version. The fixed versions integrate the
adjust resistors. It is also available in an adjustable ver-
sion which can set the output voltage with two external
resistors.
The AZ1117C is available in the industry-standard
TO-252-2 (3), TO-252-2 (4), SOT-89 and SOT-223
power packages.
Features
·
Current Limit: 1.35A (Typ.)
·
Output Noise from 10Hz to 10KHz: 0.003% of
VOUT
·
PSRR at IOUT=300mA and f=120Hz: 70dB
·
Output Voltage Accuracy:
±1% (Except 1.2V
version)
·
On-chip Thermal Shutdown
·
Maximum Quiescent Current: IQMAX=6mA
·
Compatible with Low ESR Ceramic Capacitor
·
Operation Junction Temperature: -20 to 125oC
Applications
·
USB Device
·
Add-on Card
·
DVD Player
·
PC Motherboard
TO-252-2 (3)
SOT-89
TO-252-2 (4)


Similar Part No. - AZ1117CH-5.0TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117CH-5.0TRG1 BCDSEMI-AZ1117CH-5.0TRG1 Datasheet
981Kb / 25P
   DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ1117CH-5.0TRG1 DIODES-AZ1117CH-5.0TRG1 Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1117CH-5.0TRG1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
   Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com