Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ1117E Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1117E
Description  1.0A LOW DROPOUT LINEAR REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1117E Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1117E Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1117E Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1117E Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1117E Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1117E Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1117E Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ1117E Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ1117E Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ1117E Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Preliminary Datasheet
1.0A LOW DROPOUT LINEAR REGULATOR
AZ1117E
Mar. 2013 Rev 1. 0
BCD Semiconductor Manufacturing Limited
10
Typical Application
AZ1117E-ADJ
INPUT
OUTPUT
ADJ
VIN
1.0 F
R1
330
R2
VOUT
VIN=5.0V
3.3V
VOUT=VREF*(1+R2/R1)+IADJ*R2
330
1.0 F
1.0 F
1.0 F
GND
INPUT
AZ1117E-3.3
OUTPUT
Figure 16. Typical Application of AZ1117E


Similar Part No. - AZ1117E

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117 Datasheet
224Kb / 24P
   1A LOW DROPOUT LINEAR REGULATOR
AZ1117 BCDSEMI-AZ1117 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ1117 DIODES-AZ1117 Datasheet
554Kb / 32P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results

Similar Description - AZ1117E

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR18943A UTC-LR18943A Datasheet
194Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR
LR1812 UTC-LR1812 Datasheet
243Kb / 6P
   1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1801 UTC-LR1801_18 Datasheet
371Kb / 11P
   1.0A FAST ULTRA LOW DROPOUT LINEAR REGULATOR
LR1802 UTC-LR1802 Datasheet
203Kb / 5P
   1.0A LOW DROPOUT LINEAR REGULATOR WITH OUTPUT
logo
National Semiconductor ...
LP8340 NSC-LP8340 Datasheet
304Kb / 14P
   Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
logo
Calogic, LLC
CLM2810 CALOGIC-CLM2810 Datasheet
26Kb / 2P
   1.0A Low Dropout Regulator
logo
KODENSHI_AUK CORP.
A78R33PIC KODENSHI-A78R33PIC Datasheet
359Kb / 7P
   1.0A output low dropout regulator
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com