Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ7025Z-G1 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AZ7025Z-G1
Description  VOLTAGE DETECTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ7025Z-G1 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AZ7025Z-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ7025Z-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ7025Z-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ7025Z-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ7025Z-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ7025Z-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ7025Z-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ7025Z-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ7025Z-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Oct. 2011 Rev. 2. 2
BCD Semiconductor Manufacturing Limited
VOLTAGE DETECTOR
AZ70XX
Data Sheet
Ordering Information
Package
Temperature
Range
Detect
Voltage
Part Number
Marking ID
Packing
Type
Lead Free
Green
Lead Free
Green
TO-92
-40 to 85oC
2.3V
AZ7023Z-E1
AZ7023Z-G1
AZ7023Z-E1
AZ7023Z-G1
Bulk
AZ7023ZTR-E1
AZ7023ZTR-G1
AZ7023Z-E1
AZ7023Z-G1
Ammo
2.5V
AZ7025Z-E1
AZ7025Z-G1
AZ7025Z-E1
AZ7025Z-G1
Bulk
AZ7025ZTR-E1
AZ7025ZTR-G1
AZ7025Z-E1
AZ7025Z-G1
Ammo
2.7V
AZ7027Z-E1
AZ7027Z-G1
AZ7027Z-E1
AZ7027Z-G1
Bulk
AZ7027ZTR-E1
AZ7027ZTR-G1
AZ7027Z-E1
AZ7027Z-G1
Ammo
2.9V
AZ7029Z-E1
AZ7029Z-G1
AZ7029Z-E1
AZ7029Z-G1
Bulk
AZ7029ZTR-E1
AZ7029ZTR-G1
AZ7029Z-E1
AZ7029Z-G1
Ammo
3.1V
AZ7031Z-E1
AZ7031Z-G1
AZ7031Z-E1
AZ7031Z-G1
Bulk
AZ7031ZTR-E1
AZ7031ZTR-G1
AZ7031Z-E1
AZ7031Z-G1
Ammo
3.3V
AZ7033Z-E1
AZ7033Z-G1
AZ7033Z-E1
AZ7033Z-G1
Bulk
AZ7033ZTR-E1
AZ7033ZTR-G1
AZ7033Z-E1
AZ7033Z-G1
Ammo
4.2V
AZ7042Z-E1
AZ7042Z-G1
AZ7042Z-E1
AZ7042Z-G1
Bulk
AZ7042ZTR-E1
AZ7042ZTR-G1
AZ7042Z-E1
AZ7042Z-G1
Ammo
4.5V
AZ7045Z-E1
AZ7045Z-G1
AZ7045Z-E1
AZ7045Z-G1
Bulk
AZ7045ZTR-E1
AZ7045ZTR-G1
AZ7045Z-E1
AZ7045Z-G1
Ammo
SOT-89
-40 to 85oC
2.3V
AZ7023RTR-E1
AZ7023RTR-G1
E723
G70A
Tape & Reel
2.5V
AZ7025RTR-E1
AZ7025RTR-G1
E725
G70G
Tape & Reel
2.7V
AZ7027RTR-E1
AZ7027RTR-G1
E727
G70B
Tape & Reel
2.9V
AZ7029RTR-E1
AZ7029RTR-G1
E729
G70C
Tape & Reel
3.1V
AZ7031RTR-E1
AZ7031RTR-G1
E731
G70H
Tape & Reel
3.3V
AZ7033RTR-E1
AZ7033RTR-G1
E733
G70D
Tape & Reel
4.2V
AZ7042RTR-E1
AZ7042RTR-G1
E742
G70E
Tape & Reel
4.5V
AZ7045RTR-E1
AZ7045RTR-G1
E745
G70F
Tape & Reel
Circuit Type
Package
Z: TO-92
E1: Lead Free
AZ70
-
TR: Tape and Reel or Ammo
Blank: Bulk
R: SOT-89
Detect Voltage
23: 2.3V
27: 2.7V
29: 2.9V
33: 3.3V
42: 4.2V
45: 4.5V
25: 2.5V
31: 3.1V
G1: Green
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with
"G1" suffix are available in green packages.


Similar Part No. - AZ7025Z-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ7025Z-G1 DIODES-AZ7025Z-G1 Datasheet
721Kb / 13P
   VOLTAGE DETECTOR
Oct. 2011 Rev. 2. 2
More results

Similar Description - AZ7025Z-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com