Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ432BKTR-G1 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AZ432BKTR-G1
Description  LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ432BKTR-G1 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AZ432BKTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ432BKTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ432BKTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ432BKTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ432BKTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ432BKTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ432BKTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ432BKTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ432BKTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ432
Data Sheet
2
Dec. 2012 Rev. 2. 5
BCD Semiconductor Manufacturing Limited
Figure 2. Pin Configuration of AZ432 (Top View)
Z Package
(TO-92(Bulk Packing))
(SOT-23)
N Package
R Package
(SOT-89)
Figure 3. Functional Block Diagram of AZ432
Functional Block Diagram
K Package
(SOT-23-5)
REF
V
REF
CATHODE
ANODE
+
-
Pin Configuration
Z Package
(TO-92(Ammo Packing))
CATHODE
ANODE
REF
1
2
3
CATHODE
ANODE
REF
1
2
3
ANODE
REF
CATHODE
3
2
1
NC
ANODE
REF
1
2
34
5
REF ANODE CATHODE
1
23
CATHODE
Note 1:
Pin 2 is attached to substrate and
must be connected to ANODE or open
*
(Note 1)
*


Similar Part No. - AZ432BKTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ432BKTR-E1 BCDSEMI-AZ432BKTR-E1 Datasheet
175Kb / 17P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - AZ432BKTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ432 DIODES-AZ432 Datasheet
362Kb / 18P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
BCD Semiconductor Manuf...
AZ432 BCDSEMI-AZ432_07 Datasheet
175Kb / 17P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ432 BCDSEMI-AZ432 Datasheet
162Kb / 16P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
B432 ETC-B432 Datasheet
111Kb / 5P
   1.25V Adjustable Shunt Regulator
logo
Unisonic Technologies
TL432 UTC-TL432_10 Datasheet
141Kb / 4P
   1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432 Datasheet
103Kb / 3P
   1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com