Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ809NSTR-G1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AZ809NSTR-G1
Description  3-PIN MICROPROCESSOR RESET CIRCUITS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ809NSTR-G1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

  AZ809NSTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ809NSTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ809NSTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ809NSTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ809NSTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ809NSTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ809NSTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ809NSTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ809NSTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet
3-PIN MICROPROCESSOR RESET CIRCUITS
AZ809/AZ810
6
Sep. 2012 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reset Active Timeout Period
TA=-40oC to 85oC
140
240
560
ms
TA=85oC to 105oC
100
840
Low RESET Output Voltage
(AZ809)
VOL
VCC=VTH min, ISINK=1.2mA,
AZ809R/S/T
0.3
V
VCC=VTH min, ISINK=3.2mA,
AZ809L
0.4
VCC>1.1V, ISINK=50μA0.3
High RESET Output Voltage
(AZ809)
VCC>VTH max, ISOURCE=500μA,
AZ809R/S/T
0.8VCC
V
VCC>VTH max, ISOURCE=800μA,
AZ809L
VCC-1.5
Low RESET Output Voltage
(AZ810)
VOL
VCC=VTH max, ISINK=1.2mA,
AZ810R/S/T
0.3
V
VCC=VTH max, ISINK=3.2mA,
AZ810L
0.4
High RESET Output Voltage
(AZ810)
VOH
1.8V<VCC<VTH min,
ISOURCE=150μA
0.8VCC
V
Electrical Characteristics (Continued)
(TA=-40oC to 105oC, Typical values at TA=25oC, VCC=5V for L devices, VCC=3.3V for T/S devices and VCC=3V
for R devices, unless otherwise specified.)


Similar Part No. - AZ809NSTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809ANLTR-E1 BCDSEMI-AZ809ANLTR-E1 Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809ANLTR-E1 BCDSEMI-AZ809ANLTR-E1 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809ANLTR-G1 BCDSEMI-AZ809ANLTR-G1 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809ANRTR-E1 BCDSEMI-AZ809ANRTR-E1 Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
More results

Similar Description - AZ809NSTR-G1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com