Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ809ANRTR-G1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AZ809ANRTR-G1
Description  3-PIN MICROPROCESSOR RESET CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ809ANRTR-G1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ809ANRTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ809ANRTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ809ANRTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ809ANRTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ809ANRTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ809ANRTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ809ANRTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ809ANRTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ809ANRTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Data Sheet
3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809A
5
Oct. 2010 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
(VCC is over the full voltage range, TA=-40oC to 105oC, unless otherwise noted.
Typical values at TA=25oC, VCC=5V for L device, VCC=3.3V for S device and VCC=3V for R device.)(Note 2)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage (VCC) Range
VCC
TA=0oC to 85oC
1.0
5.5
V
TA=-40oC to 105oC
1.2
5.5
Supply Current
ICC
L Devices
TA=-40oC to 85oC, VCC<5.5V
711
µA
TA=-40oC to 105oC, VCC<5.5V
12
R/S Devices
TA=-40oC to 85oC, VCC<3.6V
610
TA=-40oC to 105oC, VCC<3.6V
11
Reset Threshold
VTH
L Devices
TA=25oC
4.56
4.63
4.70
V
TA=-40oC to 85oC
4.50
4.75
TA=-40oC to 105oC
4.40
4.86
S Devices
TA=25oC
2.89
2.93
2.96
TA=-40oC to 85oC
2.85
3.00
TA=-40oC to 105oC
2.78
3.08
R Devices
TA=25oC
2.59
2.63
2.66
TA=-40oC to 85oC
2.55
2.70
TA=-40oC to 105oC
2.50
2.76
Reset Threshold
Temperature Coefficient
TA=-40oC to 105oC
30
ppm/o
C
VCC to Reset Delay
VCC=VTH to VTH-100mV
20
µs
Reset Active Timeout Period
TA=-40oC to 85oC
140
240
560
ms
TA=-40oC to 105oC
100
840
Low RESET Output Voltage
VOL
R/S Devices VCC=VTH(min), ISINK=1.2mA
0.3
V
L Devices
VCC=VTH(min), ISINK=3.2mA
0.4
VCC>1.1V, ISINK=50µA0.3
High RESET Output Voltage
VOH
R/S Devices VCC>VTH(max),
ISOURCE=500µA
0.8VCC
V
L Devices
VCC>VTH(max),
ISOURCE=800µA
VCC-
1.5
Electrical Characteristics
Note 2. Production testing done at TA=25oC. Over temperature specifications guaranteed by design only.


Similar Part No. - AZ809ANRTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ809ANRTR-E1 BCDSEMI-AZ809ANRTR-E1 Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
More results

Similar Description - AZ809ANRTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803 DIODES-APX803 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 1 ??2
APX803_D DIODES-APX803_D Datasheet
113Kb / 11P
   er3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 2 - 2
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
E-CMOS Corporation
EC95809 E-CMOS-EC95809 Datasheet
246Kb / 6P
   3-Pin Microprocessor Reset Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com