Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ494AMTR-E1 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AZ494AMTR-E1
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ494AMTR-E1 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ494AMTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ494AMTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ494AMTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ494AMTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ494AMTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ494AMTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ494AMTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ494AMTR-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ494AMTR-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A/C
Data Sheet
11
Sep. 2009 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Mechanical Dimensions
SOIC-16
Unit: mm(inch)
5.800(0.228)
6.240(0.246)
0.330(0.013)
0.510(0.020)
20:1
A
1.350(0.053)
1.750(0.069)
1.250(0.049)
1.650(0.065)
B
C
S 1.000(0.039)
0.200(0.008)
20:1
B
C
50:1
C-C
0.200(0.008)
0.250(0.010)
0.400(0.016)
1.270(0.050)
0.250(0.010)
Depth 0.200(0.008)
0.250(0.010)
0.050(0.002)
R0.200(0.008)
R0.200(0.008)
A
3.800(0.150)
4.040(0.159)
9.5
°
0.400(0.016)×45°
Note: Eject hole, oriented hole and mold mark is optional.
φ


Similar Part No. - AZ494AMTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ494AMTR-E1 BCDSEMI-AZ494AMTR-E1 Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494AMTR-E1 BCDSEMI-AZ494AMTR-E1 Datasheet
186Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - AZ494AMTR-E1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com