Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ7033ZTR-E1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AZ7033ZTR-E1
Description  VOLTAGE DETECTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ7033ZTR-E1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ7033ZTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ7033ZTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ7033ZTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ7033ZTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ7033ZTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ7033ZTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ7033ZTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ7033ZTR-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ7033ZTR-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Oct. 2011 Rev. 2. 2
BCD Semiconductor Manufacturing Limited
VOLTAGE DETECTOR
AZ70XX
Data Sheet
Mechanical Dimensions
TO-92(Bulk Packing)
Unit: mm(inch)
2.420(0.095)
2.660(0.105)
0.360(0.014)
0.760(0.030)
Φ
1.600(0.063)
MAX
1.270(0. 050)
TYP
1.000(0.039)
1.400(0.055)
4.400(0.173)
4.800(0.189)
3.430(0.135)
MIN
0.320(0.013)
0.510(0.020)
0.000(0.000)
0.380(0.015)


Similar Part No. - AZ7033ZTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7033ZTR-E1 BCDSEMI-AZ7033ZTR-E1 Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
AZ7033ZTR-E1 BCDSEMI-AZ7033ZTR-E1 Datasheet
160Kb / 13P
   VOLTAGE DETECTOR
logo
Diodes Incorporated
AZ7033ZTR-E1 DIODES-AZ7033ZTR-E1 Datasheet
721Kb / 13P
   VOLTAGE DETECTOR
Oct. 2011 Rev. 2. 2
More results

Similar Description - AZ7033ZTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com