Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUR9717AGD Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AUR9717AGD
Description  Dual 1A, 1.5MHz PWM Step-down DC-DC Converter with OVP
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AUR9717AGD Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AUR9717AGD Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AUR9717AGD Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AUR9717AGD Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AUR9717AGD Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AUR9717AGD Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AUR9717AGD Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AUR9717AGD Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AUR9717AGD Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AUR9717AGD Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data Sheet
Dual 1A, 1.5MHz PWM Step-down DC-DC Converter with OVP
AUR9717
Oct. 2011 Rev. 1.0
BCD Semiconductor Manufacturing Limited
8
Typical Performance Characteristics (Continued)
Figure 12. Output Current Limit vs. Temperature
Figure 13. Frequency vs. Temperature
Figure 14. Temperature vs. Load Current
Figure 15. Waveform of VIN=4.5V, VOUT=1.5V, L=2.2μH
VOUT
200mV/div
VLX
2V/div
VEN
2V/div
Time
400ns/div


Similar Part No. - AUR9717AGD

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9713AGH BCDSEMI-AUR9713AGH Datasheet
768Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
AUR9718AGD BCDSEMI-AUR9718AGD Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
AUR9719 BCDSEMI-AUR9719 Datasheet
748Kb / 19P
   1.5MHz, 2A, STEP DOWN DC-DC CONVERTER
More results

Similar Description - AUR9717AGD

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3020 EUTECH-EUP3020 Datasheet
768Kb / 10P
   Dual High-Efficiency 1.5MHz 1A PWM Step-Down DC-DC Converter
logo
BCD Semiconductor Manuf...
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
logo
Diodes Incorporated
AP3427M DIODES-AP3427M Datasheet
621Kb / 9P
   DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9705 BCDSEMI-AUR9705 Datasheet
580Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9707 BCDSEMI-AUR9707 Datasheet
796Kb / 15P
   Dual High-efficiency PWM Step-down DC-DC Converter with OVP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com