Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUR9707AGD Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AUR9707AGD
Description  Dual High-efficiency PWM Step-down DC-DC Converter with OVP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AUR9707AGD Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AUR9707AGD Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AUR9707AGD Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AUR9707AGD Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AUR9707AGD Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AUR9707AGD Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AUR9707AGD Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AUR9707AGD Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AUR9707AGD Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AUR9707AGD Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Data Sheet
Dual High-efficiency PWM Step-down DC-DC Converter with OVP
AUR9707
Feb. 2012 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
8
Typical Performance Characteristics (Continued)
Figure 12. Output Current Limit vs. Input Voltage
Figure 13. Output Voltage vs. Temperature
Figure 14. Frequency vs. Input Voltage
Figure 15. Output Current Limit vs. Temperature


Similar Part No. - AUR9707AGD

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AUR9703 BCDSEMI-AUR9703 Datasheet
892Kb / 20P
   1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
AUR9703AGH BCDSEMI-AUR9703AGH Datasheet
892Kb / 20P
   1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
AUR9705 BCDSEMI-AUR9705 Datasheet
580Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9705AGD BCDSEMI-AUR9705AGD Datasheet
580Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9705AGH BCDSEMI-AUR9705AGH Datasheet
580Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
More results

Similar Description - AUR9707AGD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT8020 RICHTEK-RT8020 Datasheet
218Kb / 14P
   Dual High-Efficiency PWM Step-Down DC-DC Converter
RT8020 RICHTEK-RT8020_12 Datasheet
394Kb / 15P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
   Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2322AGEAR DIODES-PAM2322AGEAR Datasheet
769Kb / 13P
   Dual High-Efficiency PWM Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com