Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1240DN-5.0TRG1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AT1240DN-5.0TRG1
Description  General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AT1240DN-5.0TRG1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AT1240DN-5.0TRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AT1240DN-5.0TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AT1240DN-5.0TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AT1240DN-5.0TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AT1240DN-5.0TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AT1240DN-5.0TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AT1240DN-5.0TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Preliminary Datasheet
General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT1240
Sept. 2011
Rev. 1.0
BCD Semiconductor Manufacturing Limited
4
Typical Performance Characteristics
TA=25°C, unless otherwise specified.
Figure 3. BV, Trigger Voltage, Holding Voltage
Figure 4. Current from I/O to VSS
vs. Temperature
vs. Voltage from I/O to VSS
Figure 5. Clamping Voltage
Figure 6. Waveform of I/O to VSS (Positive)
vs. Current from I/O to VSS (8
µs/20µs)
-60
-40
-20
0
20
40
60
80
100
120
140
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
Temperature (
oC)
BV
V
TRIG
V
H
VCLAMP=10.5V
5V/div
Current
Waveform,
(Surge, 8x20
µs,
IPP=5.8A)
5V/div
Time
10
µs/div
12
34
56
7
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
Current from I/O to VSS (8µs/20µs) (A)
IEC 61000-4-5 (Lightning)
0
1
23
45
67
8
9
10
0
1
2
3
4
5
6
7
8
9
10
11
Voltage from I/O to VSS (V)


Similar Part No. - AT1240DN-5.0TRG1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AT120046AVBF3N SCHNEIDER-AT120046AVBF3N Datasheet
121Kb / 2P
   VarSet Automatic Transient Free - Lugs (6000s) 1200 kVar, 480 V - Top - NEMA 1
logo
Aimtron Technology
AT1201 AIMTRON-AT1201 Datasheet
309Kb / 7P
   2.5/2.7/2.8/3.0/3.3/4.5/5.0V 150mA LDO
AT1201-25X AIMTRON-AT1201-25X Datasheet
309Kb / 7P
   2.5/2.7/2.8/3.0/3.3/4.5/5.0V 150mA LDO
AT1201-25XR AIMTRON-AT1201-25XR Datasheet
309Kb / 7P
   2.5/2.7/2.8/3.0/3.3/4.5/5.0V 150mA LDO
AT1201-27X AIMTRON-AT1201-27X Datasheet
309Kb / 7P
   2.5/2.7/2.8/3.0/3.3/4.5/5.0V 150mA LDO
More results

Similar Description - AT1240DN-5.0TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AT1140 BCDSEMI-AT1140 Datasheet
382Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT2042 BCDSEMI-AT2042 Datasheet
298Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.5pF
AT1042 BCDSEMI-AT1042 Datasheet
305Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
AT1040 BCDSEMI-AT1040 Datasheet
304Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
AT1020 BCDSEMI-AT1020 Datasheet
283Kb / 7P
   General Purpose ITVS, 2 I/Os, CI/O-VSS<1.1pF, with VCC
AT2041 BCDSEMI-AT2041 Datasheet
291Kb / 7P
   Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC
AT1041 BCDSEMI-AT1041 Datasheet
511Kb / 7P
   Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC
AT2140 BCDSEMI-AT2140 Datasheet
332Kb / 7P
   High Performance ITVS, 4 I/Os, CI/O-VSS<0.6pF, VCC with Blocking Diodes
logo
List of Unclassifed Man...
IT8706R ETC1-IT8706R Datasheet
294Kb / 27P
   Special General Purpose I/O
logo
Intel Corporation
4265 INTEL-4265 Datasheet
47Kb / 1P
   PROGRAMMABLE GENERAL PURPOSE I/O DEVICE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com