Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1140 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AT1140
Description  General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AT1140 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AT1140 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AT1140 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AT1140 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AT1140 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AT1140 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AT1140 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AT1140 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Data Sheet
General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT1140
Aug. 2012 Rev. 1.2
BCD Semiconductor Manufacturing Limited
5
Typical Performance Characteristics (Continued)
TA=25°C, unless otherwise specified.
Figure 7. Input Capacitance vs. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Input Voltage (V)
f=1MHz, T
A
=25
OC


Similar Part No. - AT1140

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
AT114008 ASS-AT114008 Datasheet
303Kb / 2P
   1 POS, PLUG, SOCKET, STRUCTURE PLUS™ ATHD, SIZE 8, BLACK
Rev. A2
More results

Similar Description - AT1140

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AT1240 BCDSEMI-AT1240 Datasheet
322Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT2042 BCDSEMI-AT2042 Datasheet
298Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.5pF
AT1042 BCDSEMI-AT1042 Datasheet
305Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
AT1040 BCDSEMI-AT1040 Datasheet
304Kb / 7P
   General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
AT1020 BCDSEMI-AT1020 Datasheet
283Kb / 7P
   General Purpose ITVS, 2 I/Os, CI/O-VSS<1.1pF, with VCC
AT2041 BCDSEMI-AT2041 Datasheet
291Kb / 7P
   Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC
AT1041 BCDSEMI-AT1041 Datasheet
511Kb / 7P
   Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC
AT2140 BCDSEMI-AT2140 Datasheet
332Kb / 7P
   High Performance ITVS, 4 I/Os, CI/O-VSS<0.6pF, VCC with Blocking Diodes
logo
List of Unclassifed Man...
IT8706R ETC1-IT8706R Datasheet
294Kb / 27P
   Special General Purpose I/O
logo
Intel Corporation
4265 INTEL-4265 Datasheet
47Kb / 1P
   PROGRAMMABLE GENERAL PURPOSE I/O DEVICE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com