Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS431AZ-E1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AS431AZ-E1
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS431AZ-E1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AS431AZ-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS431AZ-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS431AZ-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS431AZ-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS431AZ-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS431AZ-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS431AZ-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS431AZ-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS431AZ-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet
7
Dec. 2012 Rev. 2. 6
BCD Semiconductor Manufacturing Limited
ADJUSTABLE PRECISION SHUNT REGULATORS
AS431
Figure 7. Reference Voltage vs. Ambient Temperature
Figure 8. Reference Current vs. Ambient Temperature
Figure 9. Cathode Current vs. Cathode Voltage
Figure 10. Cathode Current vs. Cathode Voltage
-60
-40
-20
0
20
40
60
80
100 120 140
2.485
2.490
2.495
2.500
2.505
2.510
Ambient Temperature (
oC)
V
KA = VREF
I
KA = 10mA
-60
-40
-20
0
20
40
60
80
100 120 140
0.0
0.5
1.0
1.5
R
1=10K,R2=Infinite
I
KA=10mA
Ambient Temperature (
0C)
-2
-1
01
23
-100
-50
0
50
100
150
Cathode Voltage (V)
V
KA=VREF
T
A=25
0C
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
-200
0
200
400
600
800
Cathode Voltage (V)
V
KA=VREF
T
A=25
0C
Typical Performance Characteristics


Similar Part No. - AS431AZ-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS431AZ-E1 BCDSEMI-AS431AZ-E1 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Diodes Incorporated
AS431AZ-E1 DIODES-AS431AZ-E1 Datasheet
558Kb / 20P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - AS431AZ-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com