Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS358GTR-G1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AS358GTR-G1
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS358GTR-G1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AS358GTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS358GTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS358GTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS358GTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS358GTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS358GTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS358GTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS358GTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS358GTR-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AS358/358A
8
BCD Semiconductor Manufacturing Limited
Jan. 2013 Rev. 2. 2
Data Sheet
Figure 12. Output Characteristics: Current Sourcing
Figure 14. Current Limiting
Figure 13. Output Characteristics: Current Sinking
-25
0
25
50
75
100
125
0
10
20
30
40
50
60
70
80
90
100
Temperature (
oC)
Typical Performance Characteristics (Continued)
1E-3
0.01
0.1
1
10
100
0.01
0.1
1
10
V
CC=15V
Output Sink Current (mA)
V
CC=5V
0.1
1
10
100
0
1
2
3
4
5
6
7
8
Output Source Current (mA)


Similar Part No. - AS358GTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS358GTR-G1 BCDSEMI-AS358GTR-G1 Datasheet
819Kb / 16P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AS358GTR-G1 DIODES-AS358GTR-G1 Datasheet
571Kb / 19P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - AS358GTR-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com