Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS358MTR-G1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AS358MTR-G1
Description  LOW POWER DUAL OPERATIONAL AMPLIFIERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS358MTR-G1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AS358MTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS358MTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS358MTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS358MTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS358MTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS358MTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS358MTR-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AS358MTR-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AS358MTR-G1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AS358/358A
10
BCD Semiconductor Manufacturing Limited
Jan. 2013 Rev. 2. 2
Data Sheet
Figure 20. Pulse Generator
Figure 18. AC Coupled Non-Inverting Amplifier
Figure 21. DC Coupled Low-Pass Active Filter
Figure 19. Fixed Current Sources
V
CC
R4
3K
R3
2K
+
-
2V
+
-
2V
I1
I2
1mA
1/2 AS358/A
R1
2K
R2
-
+
R5 100k
R3 100k
R2 100k
R1 1M
V
O
V
CC
1/2 AS358/A
0.001
μF
-
+
R4
100k
Typical Application (Continued)
V
O
R2 16k
R1 16K
V
IN
R3
100k
1/2 AS358/A
R4
100k
C2
0.01
μF
C1 0.01
μF
f
O
V
O
0
f
O=1kHz
Q=1
A
V=2
+
-
R4 100k
V
CC
R3
1M
R1 100k
R2 1M
C1
0.1
μF
C
IN
R5
100k
C
O
V
O
1/2
AS358/A
R
L
10k
C2
10
μF
A
V=1+R2/R1
A
V=11 (As shown)
-
+
AC
R
B
6.2k


Similar Part No. - AS358MTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS358MTR-G1 BCDSEMI-AS358MTR-G1 Datasheet
819Kb / 16P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AS358MTR-G1 DIODES-AS358MTR-G1 Datasheet
571Kb / 19P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - AS358MTR-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
   Low Power Dual Operational Amplifiers
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
   Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com