Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7805ATF-G1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AS7805ATF-G1
Description  1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS7805ATF-G1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AS7805ATF-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS7805ATF-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS7805ATF-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS7805ATF-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS7805ATF-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS7805ATF-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS7805ATF-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS7805ATF-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS7805ATF-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AS78XXA
8
Dec. 2012 Rev. 2. 3
BCD Semiconductor Manufacturing Limited
Data Sheet
Parameter
Symbol
Conditions
Min
Typ Max
Unit
Output Voltage
VOUT
TJ=25oC
5.88
6
6.12
V
IOUT=5mA to 1A, VIN=8.6V to 21V,
PD≤15W
5.76
6.24
Line Regulation
VRLINE
VIN=8.6V to 21V,
IOUT=500mA, TJ=25oC
25
60
mV
Load Regulation
VRLOAD
VIN=11V, IOUT=5mA to 1A, TJ=25oC
20
60
mV
Quiescent Current
IQ
VIN=11V, IOUT=0
3.2
6
mA
Quiescent Current Change
ΔIQ
VIN=8.6V to 21V,
IOUT=500mA, TJ=25oC
0.3
0.8
mA
IOUT=5mA to 1A, TJ=25oC
0.08
0.5
Ripple Rejection
PSRR
VIN=9.5V to 19.5V, f=120Hz,
IOUT=500mA
65
dB
Dropout Voltage
VDROP
ΔVOUT=1%, IOUT=1A, TJ=25oC
2V
Output Noise Voltage
NO
f=10Hz to 100kHz, TA=25oC
10
μV/VO
Output Resistance
RO
f=1kHz
10
m
Ω
Short Circuit Current
ISC
VIN=35V, TA=25oC
0.2
A
Peak Output Current
IPK
VIN=11V, TJ=25oC
2.2
A
Output Voltage
Temperature Coefficient
ΔVOUT/ΔT
0.5
mV/oC
(
ΔVOUT/VOUT)/ΔT
80
ppm/oC
Thermal Resistance
θJC
TO-220-3
9
oC/W
TO-252-2 (1)/TO-252-2 (3)/TO-252-2 (4)
16
TO-220F-3
9
Electrical Characteristics (Continued)
AS7806A (VIN=11V, IOUT=1A, TJ=-40 to 125oC, unless otherwise specified.)


Similar Part No. - AS7805ATF-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AS7805ATF-G1 DIODES-AS7805ATF-G1 Datasheet
731Kb / 27P
   1A 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - AS7805ATF-G1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com