Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM40N04-20D Datasheet(PDF) 2 Page - Analog Power

Part # AM40N04-20D
Description  N-Channel 40-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM40N04-20D Datasheet(HTML) 2 Page - Analog Power

  AM40N04-20D Datasheet HTML 1Page - Analog Power AM40N04-20D Datasheet HTML 2Page - Analog Power AM40N04-20D Datasheet HTML 3Page - Analog Power AM40N04-20D Datasheet HTML 4Page - Analog Power AM40N04-20D Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM40N04-20D
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 32 V, VGS = 0 V
1
VDS = 32 V, VGS = 0 V, TJ = 55°C
25
On-State Drain Current
ID(on)
VDS = 5 V, VGS = 10 V
39
A
VGS = 10 V, ID = 20 A
22
VGS = 4.5 V, ID = 18 A
27
Forward Transconductance
gfs
VDS = 15 V, ID = 20 A
25
S
Diode Forward Voltage
VSD
IS = 23.5 A, VGS = 0 V
0.96
V
Total Gate Charge
Qg
8
Gate-Source Charge
Qgs
3.9
Gate-Drain Charge
Qgd
3.8
Turn-On Delay Time
td(on)
5
Rise Time
tr
5
Turn-Off Delay Time
td(off)
20
Fall Time
tf
6
Input Capacitance
Ciss
822
Output Capacitance
Coss
76
Reverse Transfer Capacitance
Crss
67
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
rDS(on)
nC
VDS = 20 V, RL = 1 Ω,
ID = 20 A,
VGEN = 10 V, RGEN = 6 Ω
VDS = 20 V, VGS = 4.5 V,
ID = 20 A
Drain-Source On-Resistance
pF
VDS = 15 V, VGS = 0 V, f = 1 MHz
Zero Gate Voltage Drain Current
Static
uA
Electrical Characteristics
IDSS
Dynamic
ns
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
© Preliminary
2
Publication Order Number:
DS_AM40N04-20D_1A


Similar Part No. - AM40N04-20D

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
AM40N04-20D DOINGTER-AM40N04-20D Datasheet
762Kb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
AM40N04-20D-T1-PF VBSEMI-AM40N04-20D-T1-PF Datasheet
1Mb / 7P
   N-Channel 4 0-V (D-S) MOSFET
More results

Similar Description - AM40N04-20D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com