Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS78L12Z-E1 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AS78L12Z-E1
Description  100mA POSITIVE VOLTAGE REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS78L12Z-E1 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AS78L12Z-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS78L12Z-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS78L12Z-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS78L12Z-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS78L12Z-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS78L12Z-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AS78L12Z-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AS78L12Z-E1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AS78L12Z-E1 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
100mA POSITIVE VOLTAGE REGULATOR
AS78LXX
Data Sheet
11
May 2013 Rev. 3. 0
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 9. Quiescent Current vs. Case Temperature
Figure 11. PSRR vs. Frequency
10
100
1000
10000
100000
1000000
0
10
20
30
40
50
60
Frequency (Hz)
AS78L05
V
IN
=10V
I
OUT
=40mA
C
IN
=0.33
µF
C
OUT
=0.1
µF
-25
0
25
50
75
100
125
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
Case Temperature (
oC)
AS78L05
V
IN
=10V
I
OUT
=1mA
Figure 8. Output Voltage vs. Output Current
0
50
100
150
200
250
0
5
10
15
20
25
V
IN
=10V/19V/33V
T
C
=25
oC
Output Current (mA)
AS78L05
AS78L12
Figure 10. Power Dissipation vs. Case Temperature
-25
0
25
50
75
100
125
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Case Temperature (
oC)
AS78L05


Similar Part No. - AS78L12Z-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78L12Z-E1 BCDSEMI-AS78L12Z-E1 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
AS78L12Z-E1 BCDSEMI-AS78L12Z-E1 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Diodes Incorporated
AS78L12Z-E1 DIODES-AS78L12Z-E1 Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
More results

Similar Description - AS78L12Z-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX Datasheet
175Kb / 15P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
   100mA POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
   100mA Positive Voltage Regulator
VER1.5
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
   100mA Positive Voltage Regulator
logo
Diodes Incorporated
AS78LXX DIODES-AS78LXX Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com