Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APD260VG-G1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # APD260VG-G1
Description  SCHOTTKY BARRIER RECTIFIERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

APD260VG-G1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  APD260VG-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited APD260VG-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited APD260VG-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited APD260VG-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited APD260VG-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited APD260VG-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited APD260VG-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited APD260VG-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited APD260VG-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SCHOTTKY BARRIER RECTIFIERS
APD260
Data Sheet
1
Aug. 2011 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Cathode line by
marking
Features
·
Low Forward Voltage Drop
·
Very Small Conduction Losses
·
High Surge Capability
·
Surge Overload Rating up to 50A Peak Value
Applications
·
Low Voltage High Frequency Inverters
·
DC-DC Converters
·
Free Wheeling
·
Polarity Protection
Figure 1. Package Types of APD260
DO-41
Figure 2. Pin Configuration of APD260
Pin Configuration
VD/VG Package
(DO-41/DO-15)
Cathode
Anode
DO-15
DO-214AC
VR Package
(DO-214AC)
Anode
Cathode
Cathode line by
marking


Similar Part No. - APD260VG-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APD260VG-G1 DIODES-APD260VG-G1 Datasheet
290Kb / 10P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - APD260VG-G1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com