Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APD240VRTR-G1 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # APD240VRTR-G1
Description  SCHOTTKY BARRIER RECTIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

APD240VRTR-G1 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  APD240VRTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited APD240VRTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited APD240VRTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited APD240VRTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited APD240VRTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited APD240VRTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited APD240VRTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited APD240VRTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited APD240VRTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SCHOTTKY BARRIER RECTIFIERS
APD240
Data Sheet
3
Nov. 2012 Rev. 1. 9
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
40
V
Maximum DC Blocking Voltage
VDC
40
V
Maximum RMS Voltage
VRMS
28
V
Average Rectified Forward Current
0.375 " (9.5mm) Lead Length (See Figure 3)
IF (AV)
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-wave on Rated Load
IFSM
50
A
Operating Junction Temperature Range
TJ
-65 to 125
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Absolute Maximum Ratings (TA=25oC, unless otherwise noted) (Note 1)
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.


Similar Part No. - APD240VRTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APD240VD-E1 DIODES-APD240VD-E1 Datasheet
318Kb / 12P
   SCHOTTKY BARRIER RECTIFIERS
APD240VD-G1 DIODES-APD240VD-G1 Datasheet
318Kb / 12P
   SCHOTTKY BARRIER RECTIFIERS
APD240VDTR-E1 DIODES-APD240VDTR-E1 Datasheet
318Kb / 12P
   SCHOTTKY BARRIER RECTIFIERS
APD240VDTR-G1 DIODES-APD240VDTR-G1 Datasheet
318Kb / 12P
   SCHOTTKY BARRIER RECTIFIERS
APD240VG-E1 DIODES-APD240VG-E1 Datasheet
318Kb / 12P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - APD240VRTR-G1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com