Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APD160VHTR-E1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # APD160VHTR-E1
Description  SCHOTTKY BARRIER RECTIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

APD160VHTR-E1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  APD160VHTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited APD160VHTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited APD160VHTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited APD160VHTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited APD160VHTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited APD160VHTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited APD160VHTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited APD160VHTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited APD160VHTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Sheet
SCHOTTKY BARRIER RECTIFIER
APD160
Aug. 2011
Rev. 1. 7
BCD Semiconductor Manufacturing Limited
1
Features
Low Forward Voltage Drop
Very Small Conduction Losses
High Surge Capability
Surge Overload Rating to 35A Peak
Applications
Low Voltage High Frequency Inverters
DC-DC Converters
Free Wheeling
Polarity Protection
Figure 1. Package Types of APD160
Pin Configuration
VD/VH Package
VR Package
(DO-41/R-1)
(DO-214AC)
Figure 2. Pin Configuration of APD160 (Top View)
DO-41
R-1
DO-214AC
Cathode
Anode
Cathode line by
marking
Cathode line by
marking
Cathode
Anode


Similar Part No. - APD160VHTR-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APD160VHTR-E1 DIODES-APD160VHTR-E1 Datasheet
313Kb / 10P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - APD160VHTR-E1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com