Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP4313 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP4313
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4313 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP4313_10 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4313_10 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4313_10 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4313_10 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4313_10 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4313_10 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4313_10 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4313_10 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4313_10 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
May 2010 Rev. 2. 0
BCD Semiconductor Manufacturing Limited
Data Sheet
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313
General Description
The AP4313 is a highly integrated solution for a con-
stant voltage/constant current mode SMPS application.
The AP4313 contains one 1.21V voltage reference
with ±1% accuracy, one current sensing circuit and two
operational amplifiers. Combining the voltage refer-
ence with one operational amplifier makes AP4313 an
ideal voltage controller for use in adapters and battery
chargers. The other low voltage reference combined
with the other operational amplifier makes it an ideal
current limiter for output low side current sensing.
The AP4313 is available in SOT-23-6 package.
Features
·
Constant Voltage and Constant Current Control
·
Precision Internal Voltage Reference
·
Few External Components
·
Easy Compensation
·
Low Supply Current: 0.5mA
·
Operating Temperature Range: -40 to 105oC
Applications
·
Adapters
·
Battery Chargers
Figure 1. Package Type of AP4313
SOT-23-6


Similar Part No. - AP4313_10

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4313KTR BCDSEMI-AP4313KTR Datasheet
99Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313KTR BCDSEMI-AP4313KTR Datasheet
216Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313KTR-E1 BCDSEMI-AP4313KTR-E1 Datasheet
99Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313KTR-E1 BCDSEMI-AP4313KTR-E1 Datasheet
216Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4313KTR-G1 DIODES-AP4313KTR-G1 Datasheet
359Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results

Similar Description - AP4313_10

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
BCD Semiconductor Manuf...
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_07 Datasheet
216Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_07 Datasheet
218Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_10 Datasheet
693Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com