Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOM618A-6X001T Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VOM618A-6X001T
Description  Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOM618A-6X001T Datasheet(HTML) 5 Page - Vishay Siliconix

  VOM618A-6X001T Datasheet HTML 1Page - Vishay Siliconix VOM618A-6X001T Datasheet HTML 2Page - Vishay Siliconix VOM618A-6X001T Datasheet HTML 3Page - Vishay Siliconix VOM618A-6X001T Datasheet HTML 4Page - Vishay Siliconix VOM618A-6X001T Datasheet HTML 5Page - Vishay Siliconix VOM618A-6X001T Datasheet HTML 6Page - Vishay Siliconix VOM618A-6X001T Datasheet HTML 7Page - Vishay Siliconix VOM618A-6X001T Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VOM618A
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 10-Dec-12
5
Document Number: 83449
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 6 - Collector Emitter Current vs. Ambient Temperature
Fig. 7 - Collector Current vs. Collector Emitter Voltage
(saturated)
Fig. 8 - Collector Emitter Voltage vs. Ambient Temperature
(saturated)
Fig. 9 - Normalized Current Transfer Ratio vs.
Ambient Temperature (saturated)
Fig. 10 - Normalized Current Transfer Ratio vs.
Ambient Temperature (non-saturated)
Fig. 11 - Current Transfer Ratio vs. Forward Current (saturated)
normalized to 1 mA at 25 °C
0.001
0.01
0.1
1
10
100
1000
10 000
- 60 - 40 - 20
0
20
40
60
80
120
T
amb - Ambient Temperature (°C)
I
F = 0 mA
V
CE = 40 V
V
CE = 24 V
V
CE = 12 V
100
0
5
10
15
20
25
30
35
0.0
0.1
0.2
0.3
0.4
V
CE - Collector Emitter Voltage (V)
I
F = 25 mA
I
F = 10 mA
I
F = 0.5 mA
I
F = 2 mA
I
F = 5 mA
I
F = 1 mA
0.00
0.02
0.04
0.06
0.08
0.10
0.12
- 60 - 40 - 20
0
20
40
60
80 100 120
T
amb - Ambient Temperature (°C)
I
F = 1 mA
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
- 60 - 40 - 20
0
20
40
60
80 100 120
T
amb - Ambient Temperature (°C)
Normalized to CTR value:
I
F = 1 mA, VCE = 5 V, Tamb = 25 °C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
- 60 - 40 - 20
0
20
40
60
80 100 120
T
amb - Ambient Temperature (°C)
Normalized to CTR value:
I
F = 1 mA, VCE = 5 V, Tamb = 25 °C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
I
F - Forward Current (mA)
T
amb = 0 °C
T
amb = - 55 °C
T
amb = 25 °C
T
amb = 110 °C


Similar Part No. - VOM618A-6X001T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOM618A-6X001T VISHAY-VOM618A-6X001T Datasheet
167Kb / 8P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2022
More results

Similar Description - VOM618A-6X001T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOM617A VISHAY-VOM617A_V01 Datasheet
215Kb / 9P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2022
VOM618A VISHAY-VOM618A_V01 Datasheet
167Kb / 8P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2022
VOM617A VISHAY-VOM617A_V02 Datasheet
216Kb / 9P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2023
VOM617A VISHAY-VOM617A Datasheet
164Kb / 8P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
Rev. 1.3, 11-Dec-12
VOM618A VISHAY-VOM618A_13 Datasheet
171Kb / 8P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
Rev. 1.4, 21-Oct-13
VOM618A VISHAY-VOM618A_V02 Datasheet
168Kb / 8P
   Low Input Current, Phototransistor Output, SOP-4, Mini-Flat Package
01-Jan-2023
VOMA618A VISHAY-VOMA618A_V01 Datasheet
235Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current, SOP-4, Mini-Flat Package
01-Jan-2023
VOMA617A VISHAY-VOMA617A_V01 Datasheet
226Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current, SOP-4, Mini-Flat Package
01-Jan-2022
VOMA617A VISHAY-VOMA617A_V02 Datasheet
226Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current, SOP-4, Mini-Flat Package
01-Jan-2023
VOMA618A VISHAY-VOMA618A Datasheet
235Kb / 10P
   Optocoupler, Phototransistor Output, Low Input Current, SOP-4, Mini-Flat Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com