Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3606,7 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3606,7
Description  4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3606,7 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3606,7_10 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3606,7_10 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3606,7_10 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3606,7_10 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3606,7_10 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3606,7_10 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3606,7_10 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3606,7_10 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3606,7_10 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Data Sheet
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3606/AP3607
Jul. 2010 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
2
Exposed PAD,
Connected to AGND
Note: Pin 15 should be connected with Pin 16 on PCB Board.
EP
5
678
13
14
15
16
1
2
3
49
10
11
12
Pin 1 Dot by Marking
C1-
C1+
C2+
C2-
D5
D4
D3
D6
C1-
C1+
C2+
C2-
NC
D4
D3
D2
Exposed PAD,
Connected to AGND
Note: Pin 14 should be connected with Pin 16 on PCB Board.
EP
5
678
13
14
15
16
1
2
3
49
10
11
12
Pin 1 Dot by Marking
Pin Configuration
FN Package
(QFN-3×3-16)
AP3606
AP3607
Figure 2. Pin Configuration of AP3606/AP3607 (Top View)
Pin Description
Pin Number
AP3606 AP3607
Pin Name
Function
1
1
C1-
Flying capacitor 1 negative terminal. The flying capacitor should be connected as
close to this pin as possible
2
2
C2-
Flying capacitor 2 negative terminal. The flying capacitor should be connected as
close to this pin as possible
3
3
C2+
Flying capacitor 2 positive terminal. The flying capacitor should be connected as
close to this pin as possible
4
4
C1+
Flying capacitor 1 positive terminal. The flying capacitor should be connected as
close to this pin as possible
5
5
AGND
Analog ground
6
6
PGND
Power ground
7
7
VIN
Supply voltage input
8
8
EN
Enable control input. Logic high enables the IC; while logic low forces the IC into
shutdown mode. It is used for digital dimming by applying a pulse signal on it.
9, 15
NC
No connection (AP3606 only)
9, 10
D6 , D5
Current sink for WLED6 and WLED5. Connect the cathode of WLEDs to these
pins. If not used, these pins must be connected with VIN (AP3607 only)
10, 11, 12,
13
11, 12, 13,
14
D4 ~ D1
Current sink for WLED4, 3, 2, 1. Connect the cathode of WLEDs to these pins. If
not used, these pins must be connected with VIN
14
15
VOUT2
Output pin 2. It powers 4 channels current sink (AP3606) and 6 channels current
sink (AP3607)
16
16
VOUT1
Output Pin 1. It’s the charge pump output. The output capacitor should be placed
closely to this pin


Similar Part No. - AP3606,7_10

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3606 BCDSEMI-AP3606 Datasheet
498Kb / 18P
   4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
logo
Diodes Incorporated
AP3606 DIODES-AP3606 Datasheet
1,019Kb / 16P
   4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
April 2018 Rev. 1 - 3
AP3606FNTR-G1 DIODES-AP3606FNTR-G1 Datasheet
1,019Kb / 16P
   4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
April 2018 Rev. 1 - 3
More results

Similar Description - AP3606,7_10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3606 DIODES-AP3606 Datasheet
1,019Kb / 16P
   4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
April 2018 Rev. 1 - 3
logo
BCD Semiconductor Manuf...
AP3606 BCDSEMI-AP3606 Datasheet
498Kb / 18P
   4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3615 BCDSEMI-AP3615 Datasheet
776Kb / 13P
   5 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
logo
Advanced Analog Technol...
AAT3195 AAT-AAT3195 Datasheet
1Mb / 16P
   4-Channel Charge-Pump LED Driver
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
Catalyst Semiconductor
CAT3616 CATALYST-CAT3616 Datasheet
537Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
logo
ON Semiconductor
CAT3616 ONSEMI-CAT3616 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3616 CATALYST-CAT3616_08 Datasheet
368Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com