Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3606,7 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP3606,7
Description  4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3606,7 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3606,7_10 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3606,7_10 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3606,7_10 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3606,7_10 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3606,7_10 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3606,7_10 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3606,7_10 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3606,7_10 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3606,7_10 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3606/AP3607
Jul. 2010 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
9
Typical Performance Characteristics (Continued)
TA=25ºC, CIN=C1=C2=COUT=1µF, VF=3.2V, unless otherwise noted.
Figure 12. WLED Current vs. Input Voltage
Figure 13. WLED Current vs. Input Voltage
Figure 14. Frequency vs. Temperature
Figure 15. Frequency vs. Temperature
2.83.2
3.64.0
4.44.8
5.25.6
16
17
18
19
20
21
22
AP3606
T
A=25
OC
V
IN Falling
Input Voltage (V)
I
D1
I
D2
I
D3
I
D4
-40
-20
0
20
40
60
80
100
120
140
0.4
0.6
0.8
1.0
1.2
1.4
AP3606
V
IN=3.6V
I
D1=ID2=ID3=ID4=20mA
Temperature(
oC)
2.83.2
3.64.0
4.4
4.8
5.25.6
16
17
18
19
20
21
22
AP3607
T
A=25
oC
V
IN Falling
Input Voltage (V)
I
D1
I
D2
I
D3
I
D4
I
D5
I
D6
-40
-20
0
20
40
60
80
100
120
140
0.4
0.6
0.8
1.0
1.2
1.4
AP3607
V
IN=3.6V
I
D1=ID2=ID3=ID4=ID5=ID6=20mA
Temperature (
oC)


Similar Part No. - AP3606,7_10

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3606 BCDSEMI-AP3606 Datasheet
498Kb / 18P
   4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
logo
Diodes Incorporated
AP3606 DIODES-AP3606 Datasheet
1,019Kb / 16P
   4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
April 2018 Rev. 1 - 3
AP3606FNTR-G1 DIODES-AP3606FNTR-G1 Datasheet
1,019Kb / 16P
   4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
April 2018 Rev. 1 - 3
More results

Similar Description - AP3606,7_10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3606 DIODES-AP3606 Datasheet
1,019Kb / 16P
   4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
April 2018 Rev. 1 - 3
logo
BCD Semiconductor Manuf...
AP3606 BCDSEMI-AP3606 Datasheet
498Kb / 18P
   4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3615 BCDSEMI-AP3615 Datasheet
776Kb / 13P
   5 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
logo
Advanced Analog Technol...
AAT3195 AAT-AAT3195 Datasheet
1Mb / 16P
   4-Channel Charge-Pump LED Driver
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
Catalyst Semiconductor
CAT3616 CATALYST-CAT3616 Datasheet
537Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
logo
ON Semiconductor
CAT3616 ONSEMI-CAT3616 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3616 CATALYST-CAT3616_08 Datasheet
368Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com