Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOL-5EUL-L7 Datasheet(PDF) 1 Page - 3M Electronics

Part # VOL-5EUL-L7
Description  Category 5e RJ45 Patch Cables
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-5EUL-L7 Datasheet(HTML) 1 Page - 3M Electronics

  VOL-5EUL-L7 Datasheet HTML 1Page - 3M Electronics VOL-5EUL-L7 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VolitionTM
Category 5e RJ45 Patch Cables
Part of the 3M™ Volition™ Networks Solutions, these Category 5e
patch cables allow you to complete your system to EIA/TIA 568B,
ISO 11801 and EN 50173-1 Class D levels of performance.
The RJ45 patch cables are available in either UTP, FTP or SFTP
cable and lengths of 0.5, 1, 2, 3 4, 5, 7, 10, 12, 15 and 20 metres.
They are compliant with Flame Retardant standard IEC 60332-1
LSOH versions are required by European Standard EN 50173 and
are compliant with Standard IEC 60754-1.
- Category 5e UTP PVC
- Category 5e UTP LSOH
-
Category 5e FTP LSOH
-
Category 5e SFTP LSOH
A choice of 3 versions, UTP, FTP and SFTP, ensures the appropriate
electromagnetic compatibility protection level your customer requires
Category 5e RJ45 Patch cables
Features
3M patch cords offer
• Optimisation with 3M Volition RJ45 K5e jacks
• Moulded boot
• Available in 0.5, 1, 2, 3, 4, 5, 7, 10, 12, 15 and 20 m
• UTP, FTP and SFTP versions
Benefits
• offers best channel performance
• better mechanical protection and ensures the minimum bend
radius is not exceeded
• Flexibility to complete the system to your requirements
• Solutions for all levels of EMC protection
Specifications
Features
- 3M branded
- Category 5e link component
- Moulded boot
- 4 pairs of flexible multi-stranded copper conductors
- Polyethylene conductor insulation to NFC 32060
- Two types of outer jacket depending on user requirements:
PVC or low smoke zero halogen (LS0H*) material with flame
retardant properties to IEC 60332-1
* compliant with Standard IEC 60754-1
For SFTP version
-
Synthetic water-repellent tape.
-
General shielding by copper braid
-
Pair by pair shielding by aluminium/polyester tape


Similar Part No. - VOL-5EUL-L7

ManufacturerPart #DatasheetDescription
logo
3M Electronics
VOL-0300 3M-VOL-0300 Datasheet
158Kb / 2P
   VolitionTM RJ45 K5e und K6 Patchpanel
VOL-0300-BK 3M-VOL-0300-BK Datasheet
158Kb / 2P
   VolitionTM RJ45 K5e und K6 Patchpanel
VOL-6ASFL-L1 3M-VOL-6ASFL-L1 Datasheet
149Kb / 2P
   Category 6A S/FTP RJ45 Patch Cables
VOL-6ASFL-L2 3M-VOL-6ASFL-L2 Datasheet
149Kb / 2P
   Category 6A S/FTP RJ45 Patch Cables
VOL-6ASFL-L3 3M-VOL-6ASFL-L3 Datasheet
149Kb / 2P
   Category 6A S/FTP RJ45 Patch Cables
More results

Similar Description - VOL-5EUL-L7

ManufacturerPart #DatasheetDescription
logo
3M Electronics
VOL-6UP-L0.5 3M-VOL-6UP-L0.5 Datasheet
113Kb / 2P
   Category 6 RJ45 Patch Cables
VOL-6ASFL-L1 3M-VOL-6ASFL-L1 Datasheet
149Kb / 2P
   Category 6A S/FTP RJ45 Patch Cables
logo
Hubbell Incorporated.
PREMISE_C5EPRPGY HUBBELL-PREMISE_C5EPRPGY Datasheet
579Kb / 1P
   UTP Cables SPEEDGAIN Category 5e UTP Cable
logo
PANDUIT CORP.
CP245E88BLY PANDUIT-CP245E88BLY Datasheet
75Kb / 2P
   5e Coupler Patch Panel Component Labels for Category 5e Coupler Patch Panel
UTP28CH25BL PANDUIT-UTP28CH25BL Datasheet
820Kb / 2P
   Category 5e Performance SD UTP Patch Cords
4/2014
logo
3M Electronics
VOL-PD-CAT5E-24P 3M-VOL-PD-CAT5E-24P Datasheet
66Kb / 2P
   Punch Down RJ45 Panels ??Category 5e and Category 6
logo
Hubbell Incorporated.
NSJ5EGN24 HUBBELL-NSJ5EGN24 Datasheet
376Kb / 1P
   Category 5e Jack
NSJ5EB24 HUBBELL-NSJ5EB24 Datasheet
383Kb / 1P
   Category 5e Jack
NSJ5ELA HUBBELL-NSJ5ELA Datasheet
291Kb / 1P
   Category 5e Jack
NSJ5ER24 HUBBELL-NSJ5ER24 Datasheet
380Kb / 1P
   Category 5e Jack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com