Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3581BMP-G1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3581BMP-G1
Description  Single Phase Synchronous Buck PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3581BMP-G1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3581BMP-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3581BMP-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3581BMP-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3581BMP-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3581BMP-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3581BMP-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3581BMP-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3581BMP-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3581BMP-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Sheet
Single Phase Synchronous Buck PWM Controller
AP3581A/B/C
Oct. 2011 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
1
General Description
The1AP3581A/B/C1is1a1compact1synchronous-rect
ified buck controller specifically designed to operate
from 5V/12V supply and deliver high-quality output
voltage as low as 0.6V (AP3581A) or 0.8V
(AP3581B/C). The AP3581A/B/C operates at fixed
frequency of 300kHz (AP3581A/B) or 200kHz
(AP3581C) and provides an optimal level of
integration to reduce size and cost of the power
supply.
This controller integrates internal MOSFET drivers
that support 12V+12V bootstrapped voltage for high-
efficiency power conversion. The bootstrap diode is
built-in to simplify the circuit design and minimize
external part count.
This controller provides single feedback loop,
voltage-mode control with fast transient response.
The error amplifier features a 10MHz gain-bandwidth
product and 6V/µs slew rate which enables high
converter bandwidth for fast transient performance.
Other features include internal soft-start, under
voltage protection, over current protection and
shutdown function. With afore-mentioned functions,
this part provides customers a compact, high
efficiency,
well-protected
and
cost-effective
solutions.
The AP3581A/B/C is available in PSOP-8 package.
Features
Supply Voltage: 5V/12V
VIN Input Range: 3.0V to 13.2V
0.6V/0.8V to 80% of VIN Output Range
Internal Reference: 0.6V/0.8V
Simple Single-loop Control
Voltage-mode PWM Control
Duty Cycle: 0% to 80%
Fast Transient Response
10MHz High-bandwidth Error Amplifier with
6V/µs Slew Rate
Fixed Oscillator Frequency: 300kHz/200kHz
Lossless, Programmable Over Current Protection
(Uses Lower MOSFET RDS(ON) )
Start-up into Pre-biased Output
Built-in Thermal Shutdown
Built-in Soft-start
Over Current/Voltage Protection
Under Voltage Protection
Integrated Boot Diode
Applications
Power Supplies for Microprocessors/Peripherals
PCs, Embedded Controllers, Memory Supplies
DSP and Core Communications Processor
Supplies
Subsystem Power Supplies
PCI, AGP, Graphics Cards, Digital TV
SSTL-2 and DDR/2/3 SDRAM Bus Termination
Supply
Cable Modems, Set Top Boxes, and DSL
Modems
Industrial Power Supplies and General Purpose
Supplies
5V/12V Input DC-DC Regulators
Low-voltage Distributed Power Supplies
Figure 1. Package Type of AP3581A/B/C
PSOP-8


Similar Part No. - AP3581BMP-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3581BMP-G1 DIODES-AP3581BMP-G1 Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results

Similar Description - AP3581BMP-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
Fairchild Semiconductor
FAN6520B FAIRCHILD-FAN6520B Datasheet
550Kb / 14P
   Single Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com