Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOL618A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VOL618A
Description  Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOL618A Datasheet(HTML) 3 Page - Vishay Siliconix

  VOL618A Datasheet HTML 1Page - Vishay Siliconix VOL618A Datasheet HTML 2Page - Vishay Siliconix VOL618A Datasheet HTML 3Page - Vishay Siliconix VOL618A Datasheet HTML 4Page - Vishay Siliconix VOL618A Datasheet HTML 5Page - Vishay Siliconix VOL618A Datasheet HTML 6Page - Vishay Siliconix VOL618A Datasheet HTML 7Page - Vishay Siliconix VOL618A Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VOL618A
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 30-Jan-13
3
Document Number: 82405
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 2 - Test Circuit
Fig. 3 - Test Circuit and Waveforms
Note
• According to DIN EN 60747-5-5 (VDE 0884), § 7.4.3.8.2, (see figure 4). This optocoupler is suitable for safe electrical isolation only within the
safety ratings. Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = 1 mA, VCE = 5 V
VOL618A-2
CTR
63
125
%
VOL618A-3
CTR
100
200
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn on time
VCC = 5 V, IC = 2 mA, RL = 100 
ton
6μs
Rise time
VCC = 5 V, IC = 2 mA, RL = 100 
tr
3.5
μs
Turn off time
VCC = 5 V, IC = 2 mA, RL = 100 
toff
5.5
μs
Fall time
VCC = 5 V, IC = 2 mA, RL = 100 
tf
5μs
isfh618a_10
Input
VOUT
VCC = 5 V
RL
isfh618a_12
10 %
90 %
Input pulse
Output pulse
tr
ton
t f
t off
SAFETY AND INSULATION RATED PARAMETERS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Partial discharge test voltage -
routine test
100 %, ttest = 1 s
Vpd
2kVpeak
Partial discharge test voltage -
lot test (sample test)
tTr = 60 s, ttest = 10 s,
(see figure 4)
VIOTM
8kVpeak
Vpd
1.68
kVpeak
Insulation voltage
VIORM
1050
Vpeak
Insulation resistance
VIO = 500 V, Tamb = 25 °C
RIO
1012
VIO = 500 V, Tamb = 100 °C
RIO
1011
VIO = 500 V, Tamb  150 °C
(construction test only)
RIO
109
Safety rating - maximum input current
Isi
130
mA
Safety rating - maximum power dissipation
PSO
265
mW
Rated impulse voltage
VIOTM
8kV
Safety rating - maximum ambient temperature
Tsi
150
°C
Clearance distance
8mm
Creepage distance
8mm
Insulation distance (internal)
0.4
mm


Similar Part No. - VOL618A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOL618A VISHAY-VOL618A Datasheet
176Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.8, 13-Oct-15
VOL618A VISHAY-VOL618A Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
01-Jan-2022
VOL618A VISHAY-VOL618A Datasheet
174Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
01-Jan-2023
VOL618A-2T VISHAY-VOL618A-2T Datasheet
176Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.8, 13-Oct-15
VOL618A-2T VISHAY-VOL618A-2T Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
01-Jan-2022
More results

Similar Description - VOL618A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOL618A VISHAY-VOL618A_V01 Datasheet
173Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
01-Jan-2022
VOL618A VISHAY-VOL618A_V02 Datasheet
174Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
01-Jan-2023
VOL617A VISHAY-VOL617A Datasheet
171Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.6, 30-Jan-13
VOL618A VISHAY-VOL618A_15 Datasheet
176Kb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.8, 13-Oct-15
VOL617A VISHAY-VOL617A_V02 Datasheet
220Kb / 10P
   Optocoupler, Phototransistor Output, 4 Pin LSOP, Long Creepage Mini-Flat Package
01-Jan-2023
VOL617A VISHAY-VOL617A_V01 Datasheet
219Kb / 10P
   Optocoupler, Phototransistor Output, 4 Pin LSOP, Long Creepage Mini-Flat Package
01-Jan-2022
VOL617A VISHAY-VOL617A_15 Datasheet
176Kb / 9P
   Optocoupler, Phototransistor Output, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 2.0, 13-Oct-15
VOL628A VISHAY-VOL628A_15 Datasheet
175Kb / 9P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.7, 13-Oct-15
VOL628A VISHAY-VOL628A_V02 Datasheet
185Kb / 9P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
01-Jan-2023
VOL628A VISHAY-VOL628A Datasheet
171Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
Rev. 1.6, 15-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com