Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3421,A,B Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP3421,A,B
Description  1.3MHz, Dual 1.0A Synchronous Step-down Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3421,A,B Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3421,A,B Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3421,A,B Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3421,A,B Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3421,A,B Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3421,A,B Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3421,A,B Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3421,A,B Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3421,A,B Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3421,A,B Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Preliminary Datasheet
1.3MHz, Dual 1.0A Synchronous Step-down Converters
AP3421/A/B
May. 2011
Rev. 1.3
BCD Semiconductor Manufacturing Limited
9
IO1
500mA/div
VO1 (AC)
100mV/div
IO2
500mA/div
VO2 (AC)
50mV/div
VIN
2V/div
VO1
2V/div
VO2
1V/div
VPOR
2V/div
V01
2V/div
VO2
1V/div
VPOR
5V/div
VIN
5V/div
Typical Performance Characteristics (Continued)
VIN=VE/S=5V, VO1=2.5V, VO2=1.2V, L1=L2=3.3μH, C1=C3=10μF, C2=C2’=10μF, TA=25°C, unless
otherwise specified.
Time
4ms/div
Time
400
μs/div
Figure 12. Start-up from VIN
Figure 13. Power-down from VIN
Time
100
μs/div
Time
100
μs/div
Figure 14. Load Transient
Figure 15. Load Transient
(VO=2.5V IO=0.5A to 1.0A)
(VO=1.2V IO=0.5A to 1.0A)


Similar Part No. - AP3421,A,B

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3422 BCDSEMI-AP3422 Datasheet
496Kb / 11P
   Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
AP3422DNTR-G1 BCDSEMI-AP3422DNTR-G1 Datasheet
496Kb / 11P
   Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
AP3423 BCDSEMI-AP3423 Datasheet
408Kb / 10P
   1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
AP3423DNTR-G1 BCDSEMI-AP3423DNTR-G1 Datasheet
408Kb / 10P
   1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
logo
Diodes Incorporated
AP3427M DIODES-AP3427M Datasheet
621Kb / 9P
   DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
More results

Similar Description - AP3421,A,B

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6657 EXAR-XRP6657_12 Datasheet
925Kb / 11P
   1.5A 1.3MHz Synchronous Step Down Converter
XRP6657 EXAR-XRP6657 Datasheet
1Mb / 11P
   1.5A 1.3MHz Synchronous Step Down Converter
logo
Monolithic Power System...
MP2227 MPS-MP2227 Datasheet
458Kb / 13P
   24V, 3A, 1.3MHz Synchronous Step-Down Converter
logo
Torex Semiconductor
XC9257 TOREX-XC9257 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
XC9258 TOREX-XC9258 Datasheet
1Mb / 27P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
logo
Monolithic Power System...
MP2205A MPS-MP2205A Datasheet
757Kb / 14P
   16V, 2.5A, 1.3MHz Synchronous Step-Down Converter
MP2207 MPS-MP2207 Datasheet
541Kb / 14P
   16V, 4A, 1.3MHz Synchronous Step-Down Converter
logo
Torex Semiconductor
XC9259 TOREX-XC9259 Datasheet
1Mb / 28P
   COT Control, 1.0A Synchronous Step-Down DC/DC Converters
logo
Richtek Technology Corp...
RT8056 RICHTEK-RT8056 Datasheet
295Kb / 11P
   Dual 1A 1.5MHz Synchronous Step-Down Converters
RT8056GQW RICHTEK-RT8056GQW Datasheet
295Kb / 11P
   Dual 1A 1.5MHz Synchronous Step-Down Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com