Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VO217AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VO217AT
Description  Optocoupler, Phototransistor Output, Low Input Current, with Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VO217AT Datasheet(HTML) 2 Page - Vishay Siliconix

  VO217AT Datasheet HTML 1Page - Vishay Siliconix VO217AT Datasheet HTML 2Page - Vishay Siliconix VO217AT Datasheet HTML 3Page - Vishay Siliconix VO217AT Datasheet HTML 4Page - Vishay Siliconix VO217AT Datasheet HTML 5Page - Vishay Siliconix VO217AT Datasheet HTML 6Page - Vishay Siliconix VO217AT Datasheet HTML 7Page - Vishay Siliconix VO217AT Datasheet HTML 8Page - Vishay Siliconix VO217AT Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 81955
2
Rev. 1.0, 02-Dec-08
VO215AT, VO216AT, VO217AT
Vishay Semiconductors
Optocoupler, Phototransistor
Output, Low Input Current,
with Base Connection
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values were tested requierements. Typical values are characteristics of the device and are the result of engineering
evaluations. Typical values are for information only and are not part of the testing requirements.
ELECTRICAL CHARACTERISTCS
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 1 mA
VF
11.5
V
Reverse current
VR = 6 V
IR
0.1
100
µA
Capacitance
VR = 0 V
CO
13
pF
OUTPUT
Collector emitter breakdown voltage
IC = 100 µA
BVCEO
30
V
Emitter collector breakdown voltage
IC = 10 µA
BVECO
7V
Collector base breakdown voltage
IC = 100 µA
BVCBO
100
V
Collector base current
ICBO
1nA
Emitter base current
IEBO
1nA
Dark current collector emitter
VCE = 10 V, IF = 0 A
ICEO
550
nA
Collector emitter capacitance
VCE = 0
CCE
10
pF
Saturation voltage, collector emitter
IF =1 mA, IC = 0.1 mA
VCEsat
0.4
V
COUPLER
Capacitance (input to output)
CIO
0.5
pF
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
DC current transfer ratio
IF = 1 mA, VCE = 5 V
VO215AT
CTRDC
20
50
%
VO216AT
CTRDC
50
80
%
VO217AT
CTRDC
100
130
%


Similar Part No. - VO217AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO211AT VISHAY-VO211AT Datasheet
115Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
Rev. 1.0, 02-Dec-08
VO212AT VISHAY-VO212AT Datasheet
115Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
Rev. 1.0, 02-Dec-08
VO213AT VISHAY-VO213AT Datasheet
115Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection in SOIC-8 Package
Rev. 1.0, 02-Dec-08
More results

Similar Description - VO217AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCT5210 VISHAY-MCT5210 Datasheet
138Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection
Rev. 1.5, 14-Jan-08
IL215AT VISHAY-IL215AT Datasheet
122Kb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, with Base Connection
Rev. 1.9, 08-May-08
IL201 VISHAY-IL201 Datasheet
124Kb / 7P
   Optocoupler, Phototransistor Output, Low Input Current, Low Input Current, with Base Connection
Rev. 1.5, 08-May-08
SFH608 VISHAY-SFH608 Datasheet
1Mb / 8P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
Rev. 1.4, 26-Oct-04
SFH608 VISHAY-SFH608_08 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
Rev. 1.4, 26-Oct-04
IL256AT VISHAY-IL256AT_08 Datasheet
124Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
Rev. 1.8, 08-Jan-08
IL250 VISHAY-IL250_08 Datasheet
154Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
Rev. 1.4, 09-May-08
H11AA1 VISHAY-H11AA1_11 Datasheet
150Kb / 7P
   Optocoupler, Phototransistor Output, AC Input with Base Connection
Rev. 1.7, 23-Feb-11
IL256AT VISHAY-IL256AT_V02 Datasheet
117Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2023
H11AA1 VISHAY-H11AA1_V01 Datasheet
147Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, with Base Connection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com