Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2204K-5.0TRG1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2204K-5.0TRG1
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2204K-5.0TRG1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2204K-5.0TRG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2204K-5.0TRG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2204K-5.0TRG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2204K-5.0TRG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2204K-5.0TRG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2204K-5.0TRG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2204K-5.0TRG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2204K-5.0TRG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2204K-5.0TRG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204
Data Sheet
1
Jul 2011 Rev. 2. 2
BCD Semiconductor Manufacturing Limited
General Description
The AP2204 series is a positive voltage regulator IC
fabricated by high voltage EPNP process.
The AP2204 has features of wide input voltage range,
high accurcay, high ripple rejection, low dropout
voltage, low noise, current limit and ultra-low
quiescent current which make it ideal for use in various
USB and portable devices.
The IC consists of a voltage reference, an error
amplifier, a resistor network for setting output voltage,
a current limit circuit for current protection, and a chip
enable circuit.
The AP2204 has 1.5V, 1.8V, 2.5V, 2.8V, 3.0V, 3.3V,
5.0V fixed voltage versions and adjustable voltage
version.
The AP2204 is available in space-saving SOT-23-5,
SOT-89 and PSOP-8 packages.
Features
·
Wide Input Voltage Range: 2.3V to 24V
·
Wide Output Voltage Range: 1.24V to 22V
·
Excellent Ripple Rejection: 60dB@ f=1kHz
·
Low Dropout Voltage: VDROP=100mV@
IOUT=100µA
·
Low Ground Current
·
High Output Voltage Accuracy
·
Compatible with Low ESR Ceramic Capacitor
·
Excellent Line/Load Regulation
·
Thermal Shutdown Function
Applications
·
Battery-powered Equipment
·
Laptop, Palmtops, Notebook Computers
·
Portable Information Appliances
SOT-23-5
Figure 1. Package Types of AP2204
SOT-89
PSOP-8


Similar Part No. - AP2204K-5.0TRG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2204K-3.3VTRG1 DIODES-AP2204K-3.3VTRG1 Datasheet
910Kb / 13P
   Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
More results

Similar Description - AP2204K-5.0TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
AP7387Q DIODES-AP7387Q Datasheet
1Mb / 15P
   AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
AP2205 DIODES-AP2205 Datasheet
1,002Kb / 16P
   WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
November 2020
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7375 DIODES-AP7375 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Rev. 3 - 2 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com