Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNB49N04 Datasheet(PDF) 7 Page - STMicroelectronics

Part # VNB49N04
Description  OMNIFET: fully autoprotected Power MOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNB49N04 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VNB49N04 Datasheet HTML 3Page - STMicroelectronics VNB49N04 Datasheet HTML 4Page - STMicroelectronics VNB49N04 Datasheet HTML 5Page - STMicroelectronics VNB49N04 Datasheet HTML 6Page - STMicroelectronics VNB49N04 Datasheet HTML 7Page - STMicroelectronics VNB49N04 Datasheet HTML 8Page - STMicroelectronics VNB49N04 Datasheet HTML 9Page - STMicroelectronics VNB49N04 Datasheet HTML 10Page - STMicroelectronics VNB49N04 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
VNB49N04 - VNV49N04
Electrical specifications
Doc ID 1641 Rev 2
7/22
2.3
Electrical characteristics
-40 °C < Tj < 125 °C, unless otherwise specified
Table 4.
Off
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VCLAMP
Drain-source clamp voltage
ID =200 mA; VIN = 0
34
42
50
V
VCLTH
Drain-source clamp threshold
voltage
ID =2mA; VIN =0
33
V
VINCL
Input-source reverse clamp
voltage
IIN = -1 mA
-1.2
-0.1
V
IDSS
Zero input voltage drain
current (VIN =0V)
VDS =13V; VIN =0V
70
µA
VDS =25V; VIN = 0 V
220
µA
IISS
Supply current from input pin
VDS =0V; VIN = 10 V
250
550
µA
Table 5.
On(1)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VIN(th)
Input threshold voltage
VDS =VIN; ID + IIN = 1 mA
0.8
3
V
RDS(on)
Static drain-source on
resistance
VIN =10V; ID =25A
0.04
Ω
VIN =5V; ID =25A
0.05
Ω
1.
Pulsed: pulse duration
= 300µs, duty cycle 1.5%
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
gfs
(1)
Forward
transconductance
VDS =13V; ID =25 A; Tc =25°C
25
30
S
COSS
Output capacitance
VDS =13V; f=1MHz; VIN =0V;
Tc =25°C
1100
1500
pF
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Table 7.
Switching(1)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
td(on)
Turn-on delay time
VDS =15V; ID =25A; Vgen =10V;
Rgen =10 Ω; (see Figure 27)
200
600
ns
tr
Rise time
1300
3600
ns
td(off)
Turn-off delay time
800
2400
ns
tf
Fall time
300
900
ns


Similar Part No. - VNB49N04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNB49N04 STMICROELECTRONICS-VNB49N04 Datasheet
133Kb / 14P
   ?쏰MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
More results

Similar Description - VNB49N04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNB10N07TR-E STMICROELECTRONICS-VNB10N07TR-E Datasheet
511Kb / 14P
   OMNIFET FULLY AUTOPROTECTED POWER MOSFET
VND5N07 STMICROELECTRONICS-VND5N07 Datasheet
166Kb / 15P
   OMNIFET: FULLY AUTOPROTECTED POWER MOSFET
VND10N0613TR STMICROELECTRONICS-VND10N0613TR Datasheet
595Kb / 25P
   OMNIFET fully autoprotected Power MOSFET
VND10N06-1-E STMICROELECTRONICS-VND10N06-1-E Datasheet
595Kb / 25P
   OMNIFET fully autoprotected Power MOSFET
VNB35N07TR-E STMICROELECTRONICS-VNB35N07TR-E Datasheet
153Kb / 13P
   OMNIFET FULLY AUTOPROTECTED POWER MOSFET
VNB14N04-E STMICROELECTRONICS-VNB14N04-E Datasheet
522Kb / 17P
   "OMNIFET" fully autoprotected Power MOSFET
VNB28N04-E STMICROELECTRONICS-VNB28N04-E Datasheet
226Kb / 13P
   OMNIFET FULLY AUTOPROTECTED POWER MOSFET
VNB20N07-E STMICROELECTRONICS-VNB20N07-E Datasheet
491Kb / 13P
   "OMNIFET": FULLY AUTOPROTECTED POWER MOSFET
VNS3NV04DPTR-E STMICROELECTRONICS-VNS3NV04DPTR-E Datasheet
289Kb / 21P
   OMNIFET II fully autoprotected Power MOSFET
VND7N04 STMICROELECTRONICS-VND7N04_09 Datasheet
511Kb / 17P
   "OMNIFET"Fully autoprotected power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com