Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN010160004 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # VN010160004
Description  Crimp contacts Pin
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

VN010160004 Datasheet(HTML) 3 Page - Amphenol Corporation

  VN010160004 Datasheet HTML 1Page - Amphenol Corporation VN010160004 Datasheet HTML 2Page - Amphenol Corporation VN010160004 Datasheet HTML 3Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Part No. system for
crimp contacts
32
Amphenol
1) supplied as:
VN = single contact 100 pcs.
ZN = contacts on reel 100, 200 or 400 contacts
HN = Contacts on reel with 2000 contacts for Acrimat FD (contact feeding right hand side)
TN = Contacts on reel with 2000 contacts for Acrimat II + III (contact feeding left hand side)
2) Type of contact:
01 = male contact
02 = emale contacts
3) Contact pin dia.:
e. g. 016 ^= 1,6 mm
4) Index of version (wire gauge)
5) Plating:
(1) = silver plated
(2) = gold plated
(4) = gold plated for high performance
VN
__
1)
01
_
2)
016
_
3)
0001
_
4)
(1)
_
5)
Cable outlet in mm
Gland bushing without clamping ring
Gland bushing with clamping ring
PG
PG
cable dia. in mm / inches
cable dia. in mm / inches
9
11
13,5
16
21
9
11
13,5
16
21
8 - 10 / 0.315 - 0.394
10 - 12 / 0.394 - 0.472
12 - 14 / 0.472 - 0.551
14 - 16 / 0.551 - 0.629
19 - 21 / 0.748 - 0.826
6 - 8 / 0.236 - 0.315
8 - 10 / 0.315 - 0.394
10 - 12 / 0.394 - 0.472
12 - 14 / 0.472 - 0.551
14 - 18 / 0.551 - 0.709


Similar Part No. - VN010160004

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
VN0104 SUTEX-VN0104 Datasheet
647Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
   N-Channel Enhancement-Mode
logo
Supertex, Inc
VN0104N3 SUTEX-VN0104N3 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
New Jersey Semi-Conduct...
VN0104N3 NJSEMI-VN0104N3 Datasheet
68Kb / 1P
   N-Channel Enhancement-Mode
More results

Similar Description - VN010160004

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
854-002-01 GLENAIR-854-002-01 Datasheet
352Kb / 1P
   Crimp Quadrax Pin and Socket Contacts
logo
FCI connector
86566520064LF FCI-CONNECTOR-86566520064LF Datasheet
534Kb / 2P
   CRIMP CONTACTS
logo
Glenair, Inc.
809-001 GLENAIR-809-001 Datasheet
322Kb / 7P
   Contacts and Tools Crimp Contacts
logo
FCI connector
8656352064 FCI-CONNECTOR-8656352064 Datasheet
83Kb / 1P
   CRIMP PIN
logo
CUI INC
T-0006 CUI-T-0006 Datasheet
29Kb / 1P
   CRIMP PIN
logo
FCI connector
865635006X FCI-CONNECTOR-865635006X Datasheet
95Kb / 1P
   CRIMP PIN
logo
Molex Electronics Ltd.
08-70-0060 MOLEX11-08-70-0060 Datasheet
47Kb / 1P
   PCB CRIMP PIN
logo
Lapp.
44420260 LAPP-44420260 Datasheet
203Kb / 2P
   EPIC® POWERLOCK CRIMP CONTACTS
12.05.2021
logo
Glenair, Inc.
240-383Q GLENAIR-240-383Q Datasheet
118Kb / 2P
   Plug with Crimp Removable Contacts
logo
Tyco Electronics
1-592404-1 MACOM-1-592404-1 Datasheet
67Kb / 1P
   CONTACT, PIN CRIMP TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com